Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 29Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 30Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 31Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 32Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 33Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 34Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 35Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 36Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 33
MCP3918
5.3.4
DITHER SETTINGS
The modulator includes a dithering algorithm that can
be enabled through the DITHER<1:0> bits in the
CONFIG0 register. This dithering process improves
THD and SFDR (for high OSR settings), while slightly
increasing the noise floor of the ADC. For power
metering applications and applications that are
distortion-sensitive, it is recommended to keep
DITHER at maximum settings for best THD and SFDR
performance. In the case of power metering
applications, THD and SFDR are critical specifications.
Optimizing SNR (noise floor) is not problematic due to
the large averaging factor at the output of the ADC.
Therefore, even for low OSR settings, the dithering
algorithm will show a positive impact on the
performance of the application.
5.3.5
MODULATOR OUTPUT BLOCK
If the user wishes to use the modulator output of the
device, the EN_MDAT bit in the STATUSCOM register
must be set to enable.
When the EN_MDAT bit is enabled, the modulator
output is present at the MDAT0 output pin as soon as
the command is placed. Additionally, the corresponding
sinc filter is disabled in order to consume less current.
The corresponding Data Ready pulse is not present
either at the DR output pin. When the EN_MDAT bit is
cleared, the sinc filter is back to normal operation and
the MDAT0 output is high-impedance. The data ready
output pin is then placed in high-impedance regardless
of the DR_HIZ setting, so that the user can tie this pin
to an external supply or ground for lower noise
behavior.
Since the delta-sigma modulator has a five-level output
given by the state of the four comparators with
thermometer coding, its output can be represented on
four bits, each bit giving the state of the corresponding
comparator (see Table 5-3). These bits are present in
the MOD register and are updated at the DMCLK rate.
In order to output the result of the comparator on a
separate pin (MDAT0), this comparator output bit has
been arranged to be serially output at the AMCLK rate
(see Figure 5-2).
This 1-bit serial bit stream is the same that would be
produced by a 1-bit DAC modulator with a sampling
frequency of AMCLK. The modulator can either be
considered as a five-level output at DMCLK rate or a
1-bit output at AMCLK rate. These two representations
are interchangeable. The MDAT0 output can therefore
be used in any application that requires 1-bit modulator
outputs. Such applications will often integrate and filter
the 1-bit output with sinc or more complex decimation
filters computed by a MCU or a DSP.
FIGURE 5-2:
MDAT0 Serial Output with
Respect to the Modulator Output Code.
Since the Reset and Shutdown SPI commands are
asynchronous, the MDAT0 pin is resynchronized with
DMCLK after each time the part goes out of reset and
shutdown.
This means that, after a soft reset or a shutdown, the
first output of MDAT0 is always 0011 after the first
DMCLK rising edge.
The MDAT0 output pin is high-impedance if the RESET
pin is low and in 2-wire interface mode.
TABLE 5-3:
DELTA-SIGMA MODULATOR
CODING
Comp<3:0>
Code
Modulator
Output Code
MDAT Serial
Stream
1111
+2
1111
0111
+1
0111
0011
0
0011
0001
-1
0001
0000
-2
0000
DMCLK
MDAT+2
MDAT+1
MDAT+0
MDAT-1
MDAT-2
COMP
AMCLK
<3>
COMP
<2>
COMP
<1>
COMP
<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com