Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 8Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 9Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 10Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 11Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 12Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 13Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 14Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 15Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
MCP3918
DS20005287A-page 12
 2014 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD =3V, DVDD =3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-7:
THD Repeatability
Histogram.
FIGURE 2-8:
Spurious-Free Dynamic
Range Repeatability Histogram.
FIGURE 2-9:
SINAD Repeatability
Histogram.
FIGURE 2-10:
Output Noise Histogram.
FIGURE 2-11:
THD vs.OSR.
FIGURE 2-12:
SINAD vs. OSR.
-108.2
-107.8
-107.4
-107.0
-106.6
-106.2
Total Harmonic Distortion ( dBc)
Total Harmonic Distortion (-dBc)
111.7
112.3
112.9
113.5
114.1
114.7
115.3
115.9
Spurious Free Dynamic Range (dBFS)
93.3
93.4
93.5
93.6
93.7
93.8
Signal to Noise and Distortion (dB)
Signal to Noise and Distortion (dB)
Standar deviation = 78 LSB
Noise = 7.4 Vrms
16 ksamples
Output Noise (LSB)
-120
-115
-110
-105
-100
-95
-90
Dithering=Maximum
Dithering=Medium
Dithering=Minimum
Dithering=Off
-130
-125
32
64
128
256
512 1024 2048 4096
Oversampling Ratio (OSR)
110
95
100
105
85
90
95
75
80
85
Dithering=Maximu
65
70
Dithering Maximu
m
Dithering=Medium
60
32
64
128
256
512 1024 2048 4096
Oversampling Ratio (OSR)
Oversampling Ratio (OSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com