Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 43Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 44Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 45Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 46Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 47Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 48Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 49Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 50Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 47
MCP3918
6.5
Continuous Communications,
Looping on Register Sets
The
MCP3918
digital
interface
can
process
communications in Continuous mode, without having
to enter an SPI command between each read or write
to a register. This feature allows the user to reduce
communication overhead to the strict minimum, which
diminishes EMI emissions and reduces switching noise
in the system.
The registers can be grouped into multiple sets for
continuous communications. The grouping of the
registers in the different sets is defined by the
READ<1:0> and WRITE bits that control the internal
SPI communication address pointer. For a graphical
representation of the register map sets in the function
of the READ<1:0> and WRITE bits, please see
Table 9-2.
In the case of a continuous communication, there is
only one Control byte on SDI to start the
communication after a CS pin falling edge. The part
stays within the same communication loop until the CS
pin returns logic high. The SPI internal register address
pointer starts by transmitting/receiving the address
defined
in
the
Control
byte.
After
this
first
transmission/reception, the SPI internal register
address pointer automatically increments to the next
available address in the register set for each
transmission/reception. When it reaches the last
address in the set, the communication sequence is
finished. The address pointer loops automatically back
to the first address of the defined set and restarts a new
sequence with auto-increment (see Table 6-6). The
undefined or unused addresses are automatically
jumped by the address pointer (they are not considered
to be part of the register map by the address pointer).
This internal address pointer automatic selection
allows the following functionality:
• Read one ADC channel data continuously
• Continuously read the entire register map
• Continuously read or write each separate register
• Continuously read or write all configuration
registers
FIGURE 6-6:
Continuous Communication Sequences.
Continuous READ communication (24-bit format)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
24x
ADDR
...
ADDR + n
Starts read sequence
at address ADDR
Complete READ sequence
ADDR + 1
24x
...
24x
24x
ADDR
...
Complete READ sequence
ADDR + 1
24x
...
24x
ADDR + n
Continuous WRITE communication (24-bit format)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
24x
ADDR
...
ADDR + n
Starts write sequence
at address ADDR
Complete WRITE sequence
ADDR + 1
24x
...
24x
24x
ADDR
...
Complete WRITE sequence
ADDR + 1
24x
...
24x
ADDR + n
Don’t care
ADDR
ADDR + 1
...
ADDR + n
Complete
READ
sequence
Roll-over
ADDRESS SET
ADDR
ADDR + 1
...
ADDR + n
Complete
WRITE
sequence
Roll-over
ADDRESS SET
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com