Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3918A1-E/SS Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 72Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 73Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 74Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 75Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 76Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 77Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 78Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 79Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
MCP3918
DS20005287A-page 76
 2014 Microchip Technology Inc.
9.8
OFFCAL_CH0 and GAINCAL_CH0
Registers – Digital Offset And
Gain Error Calibration Registers
Name
Bits
Address
Cof.
OFFCAL_CH0
24
0x0F
R/W
GAINCAL_CH0
24
0x10
R/W
REGISTER 9-8:
OFFCAL_CH0 REGISTER
R/W-0
R/W-0
R/W-0
...
R/W-0
R/W-0
R/W-0
R/W-0
OFFCAL_CH0
<23>
OFFCAL_CH0
<22>
OFFCAL_CH0
<21>
...
OFFCAL_CH0
<3>
OFFCAL_CH0
<2>
OFFCAL_CH0
<1>
OFFCAL_CH0
<0>
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
OFFCAL_CH0:
Digital Offset calibration value for the corresponding channel CH0. This register is
simply added to the output code of the channel bit by bit. This register is 24-bit two's
complement MSB first coding. CH0 Output Code = OFFCAL_CH0 + ADC CH0 Output
Code. This register is a Don't Care if EN_OFFCAL = 0 (Offset calibration disabled), but
its value is not cleared by the EN_OFFCAL bit.
REGISTER 9-9:
GAINCAL_CH0 REGISTER
R/W-0
R/W-0
R/W-0
...
R/W-0
R/W-0
R/W-0
R/W-0
GAINCAL_CH0
<23>
GAIN-
CAL_CH0<22>
GAINCAL_CH0
<21>
...
GAINCAL_CH0
<3>
GAINCAL_CH0
<2>
GAINCAL_CH0
<1>
GAINCAL_CH0
<0>
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
GAINCAL_CH0:
Digital gain error calibration value for the corresponding channel CH0. This register
is signed 24-bit MSB first format with a range of -1x to +0.9999999x (from 0x80000
to 0x7FFFFF). The gain calibration adds 1x to this register and multiplies it to the
output code of the channel bit by bit, after offset calibration. The range of the gain
calibration is thus from 0x to 1.9999999x (from 0x80000 to 0x7FFFFF). The LSB
corresponds to a 2-23 increment in the multiplier.
ADC Output Code = (GAINCAL_CH0+1)*ADC CH0 Output Code. This register is a
Don't Care if EN_GAINCAL = 0 (Gain calibration disabled) but its value is not
cleared by the EN_GAINCAL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com