Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 26Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 27Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 28Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 29Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 30Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 31Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 32Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 33Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 236 page
background image
MCP19124/5
DS20005619A-page 30
 2016 Microchip Technology Inc.
GPIO Output High
Voltage
VGPIO_OH
VDD - 0.7
—
—
V
IOH =2.5 mA
VDD =5V
GPIO Input Leakage
Current
GPIO_IIL
—±0.1
±1
µA
Negative current is defined
as current sourced by the
pin
POR
Power-On Reset
Voltage
VPOR
—2.13
—
V
VDD rising
(Note 4)
Power-On Reset
Voltage Hysteresis
VPOR_HYS
—100
—
mV
BOR
Brown-Out Reset
Voltage
VBOR
—2.7
—
V
VDD falling
(Note 4)
Brown-Out Reset
Voltage Hysteresis
VBOR_HYS
—100
—
mV
Thermal Shutdown
Thermal Shutdown
TSHD
—150
—
°C
Thermal Shutdown
Hysteresis
TSHD_HYS
—20
—
°C
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com