| Electronic Components Datasheet Search |
|
MCP19124T-E/MJ Datasheet(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19124T-E/MJ Datasheet(HTML) 83 Page - Microchip Technology |
|
83 / 236 page ![]() 2016 Microchip Technology Inc. DS20005619A-page 83 MCP19124/5 12.0 RESETS The reset logic is used to place the MCP19124/5 into a known state. The source of the reset can be determined by using the device status bits. There are multiple ways to reset the MCP19124/5 devices: • Power-On Reset (POR) • Overtemperature Reset (OT) •MCLR Reset • WDT Reset • Brown-Out Reset (BOR) To allow VDD to stabilize, an optional power-up timer can be enabled to extend the Reset time after a POR event. Some registers are not affected in any Reset condition; their status is unknown on POR and unchanged in any other Reset. Most other registers are reset to a “Reset state” on: • Power-On Reset •MCLR Reset •MCLR Reset during Sleep • WDT Reset • Brown-Out Reset WDT (Watchdog Timer) wake-up does not cause register resets in the same manner as a WDT Reset, since wake-up is viewed as the resumption of normal operation. TO and PD bits are set or cleared differently in different Reset situations, as indicated in Table 12-1. The software can use these bits to determine the nature of the Reset. Refer to Table 12-2 for a full description of Reset states of all registers. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 12-1. The MCLR Reset path has a noise filter to detect and ignore small pulses. Refer to Section 5.0 “Digital Electrical Characteristics” for pulse-width specifications. FIGURE 12-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT WDT Module VDD Rise Detect Brown-Out Reset Sleep BOREN MCLR/TEST_EN pin VDD External Reset S RQ On-Chip RC OSC 11-bit Ripple Counter PWRT Enable PWRT Chip_Reset Power-On Reset Time-Out Reset Brown-Out Reset TABLE 12-1: TIME-OUT IN VARIOUS SITUATIONS Power-Up Wake-Up from Sleep PWRTE = 0 PWRTE = 1 TPWRT —— |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |