Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 61Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 62Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 65
MCP19124/5
9.9
Calibration Word 9
Calibration Word 9 is at memory location 2088h and
contains the calibration bits for the OVREF DAC span
trim OVRSPCAL<4:0> and the Current Sense Amplifier
Gain Calibration A2GCAL<3:0>. The OVRSPCAL<4:0>
is an individual adjustment specific to calibrating the
OVREF DAC span. Firmware must read these values
and copy into the OVRSPCAL Special Function
Register located in Bank 3 at 19Fh.
A2 Gain calibration trim bits set the 10V/V gain of the
current sense amplifier (A2). A2GCAL<3:0> calibration
bits values must be copied via firmware into the
A2GCAL Special Function Register located in Bank 3
at 19Eh.
REGISTER 9-9:
CALWD9: CALIBRATION WORD 9 REGISTER
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
OVRSPCAL4 OVRSPCAL3 OVRSPCAL2
OVRSPCAL1
OVRSPCAL0
bit 13
bit 8
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
A2GCAL3
A2GCAL2
A2GCAL1
A2GCAL0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13
Unimplemented: Read as ‘0’
bit 12-8
OVRSPCAL<4:0>: OVREF Span Adjustment bits
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
A2GCAL<3:0>: A2 Current Sense Amplifier Gain Calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com