Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 62Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 236 page
background image
MCP19124/5
DS20005619A-page 66
 2016 Microchip Technology Inc.
9.10
Calibration Word 10
Calibration word 10 at memory location 2089h contains
the calibration bits for VREF2 DAC span trim
VR2SPCAL<4:0> and the VREF2 DAC span trim
VRSPCAL<4:0>.
The
VR2SPCAL<4:0>
is
an
individual adjustment specific to calibrating the VREF2
DAC span. Firmware must read these values and copy
into the VR2SPCAL Special Function Register located
in Bank 2 at 11Ah.
The VRSPCAL<4:0> is an individual adjustment
specific to calibrating the VREF2 DAC span. Firmware
must read these values and copy into the VRSPCAL
Special Function Register located in Bank 2 at 119h.
REGISTER 9-10:
CALWD10: CALIBRATION WORD 10 REGISTER
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
VR2SPCAL4 VR2SPCAL3 VR2SPCAL2 VR2SPCAL1 VR2SPCAL0
bit 13
bit 8
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
VRSPCAL4
VRSPCAL3
VRSPCAL2
VRSPCAL1
VRSPCAL0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13
Unimplemented: Read as ‘0’
bit 12-8
VR2SPCAL<4:0>: VREF2 Span Adjustment bits
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
VRSPCAL<4:0>: VREF Span Adjustment bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com