Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 95 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 95 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 96Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 97Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 98Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 95
MCP19124/5
13.3.1.2
PIE2 Register
The PIE2 register contains the Peripheral Interrupt
Enable bits, as shown in Register 13-3.
Note 1: Bit PEIE in the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 13-3:
PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CDSIE
ADIE
—
OTIE
OVIE
DRUVIE
OVLOIE
UVLOIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7
CDSIE: Desaturation Detection Interrupt Enable bit
1
= Enables the DESAT Detect interrupt
0
= Disables the DESAT Detect interrupt
bit 6
ADIE: ADC Interrupt Enable bit
1
= Enables the ADC interrupt
0
= Disables the ADC interrupt
bit 5
Unimplemented: Read as ‘0’
bit 4
OTIE: Overtemperature Interrupt Enable bit
1
= Enables overtemperature interrupt
0
= Disables overtemperature interrupt
bit 3
OVIE: VOUT Overvoltage Interrupt Enable bit
1
= Enables the OV interrupt
0
= Disables the OV interrupt
bit 2
DRUVIE: Gate Drive Undervoltage Lockout Interrupt Enable bit
1
= Enables Gate Drive UVLO interrupt
0
= Disables Gate Drive UVLO interrupt
bit 1
OVLOIE: VIN Overvoltage Lockout Interrupt Enable bit
1
= Enables OVLO interrupt
0
= Disables OVLO interrupt
bit 0
UVLOIE: VIN Undervoltage Lockout Interrupt Enable bit
1
= Enables UVLO interrupt
0
= Disables UVLO interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com