Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 75Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 76Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 77Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 78Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 79Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 80Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 81Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 236 page
background image
MCP19124/5
DS20005619A-page 78
 2016 Microchip Technology Inc.
10.3.1
OPTION_REG REGISTER
The OPTION_REG register is a readable and writable
register, which contains various control bits to
configure:
• Timer0/WDT prescaler
• External GPA2/INT interrupt
•Timer0
• Weak pull-ups on PORTGPA and PORTGPB
Note:
To achieve a 1:1 prescaler assignment for
Timer0, assign the prescaler to the WDT
by setting PSA bit to ‘1’ in the
OPTION_REG
register.
Refer
to
Section 21.1.3 “Software Programma-
ble Prescaler”.
REGISTER 10-2:
OPTION_REG: OPTION REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
x = Bit is unknown
‘0’
= Bit is cleared
‘1’
= Bit is set
bit 7
RAPU: Port GPx Pull-Up Enable bit (1)
1
= Port GPx pull-ups are disabled
0
= Port GPx pull-ups are enabled
bit 6
INTEDG: Interrupt Edge Select bit
0
= Interrupt on rising edge of INT pin
1
= Interrupt on falling edge of INT pin
bit 5
T0CS: TMR0 Clock Source Select bit
1
= Transition on T0CKI pin
0
= Internal instruction cycle clock
bit 4
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on T0CKI pin
0
= Increment on low-to-high transition on T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
Note 1: Individual WPUx bit must also be enabled.
Bit Value
TMR0
Rate
WDT Rate
000
1: 2
1: 1
001
1: 4
1: 2
010
1: 8
1: 4
011
1: 16
1: 8
100
1: 32
1: 16
101
1: 64
1: 32
110
1: 128
1: 64
111
1: 256
1: 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com