Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 8Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 9Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 10Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 11Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 12Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 236 page
background image
MCP19124/5
DS20005619A-page 12
 2016 Microchip Technology Inc.
FIGURE 1-4:
MICROCONTROLLER CORE BLOCK DIAGRAM
I
2C
13
Data Bus
8
14
Program
Bus
Direct Addr
7
RAM Addr
9
Indirect
Addr
TESTCLKIN
PORTA
8
8
8
3
8 Level Stack
(13-bit)
MCLR
T0CKI
PORTB
Configuration
Flash
Program
Memory
4000 x 14
Program Counter
Instruction reg
Instruction
Decode &
Control
Timing
Generation
8 MHz Internal
Ocillator
VIN
AGND
Timer0
Timer1
Timer2
Analog Interface Registers
Enhanced PWM
GPA6 GPB7
(MCP19125)
Enhanced CCD
PMDATL
EEADDR
Self read/write
flash memory
SDA
SCL
Power-up
Timer
Power-on
Reset
Watchdog
Timer
W reg
MUX
ALU
STATUS reg
FSR reg
Addr MUX
RAM
256 bytes
File Registers
GPA0
GPA1
GPA2
GPA7
GPA6
GPA5
GPB0
GPB1
GPB7
(MCP19125)
GPB6
(MCP19125)
GPB5
(MCP19125)
GPA3
GPB4
(MCP19125)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com