Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 17
MCP19124/5
2.1.22
PDRV PIN
The gate of the low-side primary MOSFET is
connected to PDRV. The PCB tracing connecting
PDRV to the gate must be of minimal length and
appropriate width to handle the high-peak drive
currents and fast voltage transitions.
2.1.23
VDR PIN
The supply for the low-side drivers is connected to this
pin and has an absolute maximum rating of +13.5V.
This pin can be connected by an RC filter to the VDD
pin.
2.1.24
VDD PIN
The output of the internal +5.0V regulator is connected
to this pin. It is recommended that a 1.0 µF minimum/
4.7 µF maximum bypass capacitor be connected
between this pin and the GND pin of the device. The
bypass capacitor should be physically placed close to
the device.
2.1.25
VIN PIN
Input power connection pin of the device. It is
recommended that capacitance be placed between this
pin and the GND pin of the device.
2.1.26
VS PIN
Analog input connected to the noninverting input of the
overvoltage comparator. Typically used as output
voltage overvoltage protection. The inverting input of
the overvoltage comparator is controlled by the
OVREF DAC.
2.1.27
VCOMP PIN
EA2 Error amplifier output signal connecting to external
compensation
2.1.28
ICOMP PIN
EA1 Error amplifier output signal connecting to external
compensation.
2.1.29
EXPOSED PAD (EP)
It is recommended to connect the exposed pad to
AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com