Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 96 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 96 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 96Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 97Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 98Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 99Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 236 page
background image
MCP19124/5
DS20005619A-page 96
 2016 Microchip Technology Inc.
13.3.1.3
PIR1 Register
The PIR1 register contains the Peripheral Interrupt
Flag bits, as shown in Register 13-4.
Note 1: Interrupt flag bits are set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit
or the Global Enable bit (GIE) in the
INTCON register. The user’s software
should ensure the appropriate interrupt
flag bits are clear prior to enabling an
interrupt.
REGISTER 13-4:
PIR1: PERIPHERAL INTERRUPT FLAG REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
BCLIF
SSPIF
CC2IF
CC1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
BCLIF: MSSP Bus Collision Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 4
SSPIF: Synchronous Serial Port (MSSP) Interrupt Flag bit
1
= Interrupt is pending
0
= Interrupt is not pending
bit 3
CC2IF: Capture2/Compare2 Interrupt Flag bit
1
= Capture or Compare has occurred
0
= Capture or Compare has not occurred
bit 2
CC1IF: Capture1/Compare1 Interrupt Flag bit
1
= Capture or Compare has occurred
0
= Capture or Compare has not occurred
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match did not occur
bit 0
TMR1IF: Timer1 Interrupt Flag
1
= Timer1 rolled over (must be cleared in software)
0
= Timer1 has not rolled over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com