Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 87Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 88Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 89Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 91
MCP19124/5
13.0 INTERRUPTS
The MCP19124/5 have multiple sources of interrupt:
• External Interrupt (INT pin)
• Interrupt-On-Change (IOC) Interrupts
• Timer0 Overflow Interrupt
• Timer1 Overflow Interrupt
• Timer2 Match Interrupt
• ADC Interrupt
• System Input Undervoltage Error
• System Input Overvoltage Error
• SSP
•BCL
• Desaturation Detection
• Gate Drive UVLO
• Capture/Compare 1
• Capture/Compare 2
• Overtemperature
The Interrupt Control (INTCON) register and the
Peripheral Interrupt Request (PIRx) registers record
individual interrupt requests in flag bits. The INTCON
register also has individual and global interrupt enable
bits.
The Global Interrupt Enable bit (GIE) in the INTCON
register enables (if set) all unmasked interrupts or
disables (if cleared) all interrupts. Individual interrupts
can be disabled through their corresponding enable
bits in the INTCON register and PIEx registers. GIE is
cleared on Reset.
When an interrupt is serviced, the following actions
occur automatically:
• The GIE is cleared to disable any further interrupt
• The return address is pushed onto the stack
• The PC is loaded with 0004h
The firmware within the Interrupt Service Routine (ISR)
should determine the source of the interrupt by polling
the interrupt flag bits. The interrupt flag bits must be
cleared before exiting the ISR to avoid repeated
interrupts. Because the GIE bit is cleared, any interrupt
that occurs while executing the ISR will be recorded
through its interrupt flag but will not cause the
processor to redirect to the interrupt vector.
The RETFIE instruction exits the ISR by popping the
previous address from the stack, restoring the saved
context from the shadow registers and setting the GIE bit.
For additional information on a specific interrupts
operation, refer to its peripheral chapter.
13.1
Interrupt Latency
For external interrupt events, such as the INT pin or
PORTGPx change interrupt, the interrupt latency will
be three or four instruction cycles. The exact latency
depends upon when the interrupt event occurs (refer to
Figure 13-2). The latency is the same for one- or
two-cycle instructions.
13.2
GPA2/INT Interrupt
The external interrupt on the GPA2/INT pin is
edge-triggered, either on the rising edge if the INTEDG
bit in the OPTION_REG register is set, or the falling
edge if the INTEDG bit is clear. When a valid edge
appears on the GPA2/INT pin, the INTF bit in the
INTCON register is set. This interrupt can be disabled
by clearing the INTE control bit in the INTCON register.
The INTF bit must be cleared by software in the
Interrupt Service Routine before re-enabling this
interrupt. The GPA2/INT interrupt can wake up the
processor from Sleep, if the INTE bit was set prior to
going into Sleep. Refer to Section 14.0 “Power-Down
Mode (Sleep)” for details on Sleep and Section 14.1
“Wake-Up from Sleep” for timing of wake-up from
Sleep through GPA2/INT interrupt.
Note 1: Individual interrupt flag bits are set,
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2: When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The interrupts which were
ignored are still pending to be serviced
when the GIE bit is set again.
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs
will read ‘0’ and cannot generate an
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com