Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124T-E/MJ Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 71
MCP19124/5
10.2.2
CORE REGISTERS
The core registers contain the registers that directly
affect the basic operation. The core registers can be
addressed from any bank. These registers are listed in
Table 10-1.
For
detailed
information,
refer
to
Table 10-2.
10.2.2.1
STATUS Register
The STATUS register contains:
• the arithmetic status of the ALU
• the Reset status
• the bank select bits for data memory (RAM)
The STATUS register can be the destination for any
instruction, like any other register. If the STATUS
register is the destination for an instruction that affects
the Z, DC or C bits, the write to these three bits is
disabled. These bits are set or cleared according to the
device logic. Furthermore, the TO and PD bits are not
writable. Therefore, the result of an instruction with the
STATUS register as destination may be different than
intended.
For example, CLRF STATUS will clear the upper three
bits and set the Z bit. This leaves the STATUS register
as ‘000u u1uu’ (where u = unchanged).
It is recommended, therefore, that only BCF, BSF,
SWAPF
and MOVWF instructions are used to alter the
STATUS register, because these instructions do not
affect any Status bits.
TABLE 10-1: CORE REGISTERS
Addresses
BANKx
x00h, x80h, x100h, or x180h
INDF
x02h, x82h, x102h, or x182h
PCL
x03h, x83h, x103h, or x183h
STATUS
x04h, x84h, x104h, or x184h
FSR
x0Ah, x8Ah, x10Ah, or x18Ah
PCLATH
x0Bh, x8Bh, x10Bh, or x18Bh
INTCON
Note 1: The C and DC bits operate as Borrow
and Digit Borrow out bits, respectively, in
subtraction.
REGISTER 10-1:
STATUS: STATUS REGISTER
R/W-0
R/W-0
R/W-0
R-1
R-1
R/W-x
R/W-x
R/W-x
IRP
RP1
RP0
TO
PD
Z
DC (1)
C (1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
x = Bit is unknown
‘0’
= Bit is cleared
‘1’
= Bit is set
bit 7
IRP: Register Bank Select bit (used for Indirect addressing)
1
= Bank 2 & 3 (100h - 1FFh)
0
= Bank 0 & 1 (00h - FFh)
bit 6-5
RP<1:0>: Register Bank Select bits (used for Direct addressing)
00
= Bank 0 (00h - 7Fh)
01
= Bank 1 (80h - FFh)
10
= Bank 2 (100h - 17Fh)
11
= Bank 3 (180h - 1FFh)
bit 4
TO: Time-Out bit
1
= After power-up, CLRWDT instruction or SLEEP instruction
0
= A WDT time-out occurred
Note 1: For Borrow, the polarity is reversed. A subtraction is executed by adding the two’s complement of the
second operand. For rotate (RRF, RLF) instructions, this bit is loaded with either the high-order or
low-order bit in the source register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com