Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
44
The microphone bias is driven to a dedicated MICBIAS pin 28 and is enabled by MPOP1EN in
register 22h. It can also be configured to drive out on GPIO8 pin 12 enabled by MPOP2EN in register
22h.
When not in use the microphone bias can be powered down using the Powerdown register bit
MICBIAS (register 3Eh, bit 14).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MBOP2EN
0 (Off)
Microphone bias enable to GPIO8 (pin 12)
6
MBOP1EN
0 (Off)
Microphone bias enable to MICBIAS (pin 28)
22h
5
MBVOL
0
Microphone bias voltage control
0: 0.9 * AVDD
1: 0.75 * AVDD
Table 23 Microphone Bias Voltage Control
The internal MICBIAS circuitry is shown in Figure 14. Note that the maximum source current
capability for MICBIAS is 3mA. The external biasing resistors therefore must be large enough to limit
the MICBIAS current to 3mA.
Figure 14 Microphone Bias Schematic
MICBIAS CURRENT DETECT
The WM9713L includes a microphone bias current detect circuit which allows the user to set
thresholds for the microphone bias current, above which an interrupt will be triggered. There are two
separate interrupt bits, MICDET to allow the user to e.g. distinguish between one or two microphones
connected to the WM9713L, and MICSHT to detect a shorted microphone (mic button press). The
microphone current detect threshold is set by MCDTHR[2:0], for MICDET, and MCDSCTHR[1:0] for
MICSHT. Thresholds for each code are shown in Table 24
When not in use the microphone bias current detect circuit can be powered down using the
Powerdown register bit MCD (register 3Eh, bit 15).
See the GPIO and Interrupt Controller sections for details on the interrupt and status readback for the
microphone bias current detect & microphone short circuit detect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com