Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
63
Figure 23 Pen Down Detection on 5-wire Touchpanel
Pen down detection works in a similar fashion for both 4-wire and 5-wire touchpanels (see Four-Wire
Touchpanel Operation). On a 5-wire touchpanel, all four contacts of the bottom plate are grounded,
and the top plate contact is connected to the internal programmable pull-up resistor, RPU.
CONTROLLING THE TOUCHPANEL DIGITISER
All touchpanel functions are accessed and controlled through the AC-Link interface.
PHYSICAL CHARACTERISTICS
The physical characteristics of the touchpanel interface are controlled through register 78h, as shown
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
45W
0 (4-wire)
Touchpanel Type Selection
0: 4-wire
1: 5-wire
8
PIL
0 (200
µA)
Current used for pressure measurement
0: IP = 200
µA
1: IP = 400
µA
78h
0:5
RPU
000001
(64k
Ω)
Internal Pull-up resistor for Pen Detection
111111: 64k
Ω/63 = 1.02kΩ (least sensitive)
111110: 64K
Ω/62 = 1.03KΩ
… (pull-up = 64k
Ω / binary value of RPU)
000010: 64K
Ω/2 = 32KΩ
000001: 64k
Ω/1 = 64kΩ (most sensitive)
000000: RESERVED (do not use this setting)
Table 45 Touchpanel Digitiser Control (Physical Characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com