Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:2
MCDTHR
000
Mic current detect threshold
000:100uA
001:200uA
….100uA steps up to
111:800uA
These values are for 3.3V supply and scale
with supply voltage (AVDD).
22h
1:0
MCDSCTR
00
Mic current detect short circuit threshold
00: 600uA
01: 1200uA
10: 1800uA
11: 2400uA
These values are for 3.3V supply and scale
with supply voltage (AVDD).
Table 24 Microphone Current Detect Control
MICROPHONE PGAS
The microphone pre-amps MPA and MPB drive into two microphone PGAs whose gain is controlled
by register 0Eh. The PGA signals can be routed into the headphone mixers and the mono mixer, but
not the speaker mixer (to prevent forming a feedback loop) controlled by register 10h. When the PGA
signals are not selected as an input to any of the mixers the outputs of the PGAs are muted
automatically.
When not in use the microphone PGAs can be powered down using the Powerdown register bits MA
and MB (register 3Eh, bits [3:2]).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12:8
MICAVOL
01000
(0dB)
MICA input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
0Eh
Mic PGA
Volume
4:0
MICBVOL
01000
(0dB)
MICB input gain
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
Table 25 Microphone PGA Volume Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
MA2M
1
Mute MICA path to mono mixer
1: Mute, 0: No mute (ON)
6
MB2M
1
Mute MICB path to mono mixer
1: Mute, 0: No mute (ON)
5
MIC2MBST
0
Mic to mono mixer boost
0: 0dB, 1: +20dB
4:3
MIC2H
11
Mic to headphone mixers select
00: MICA and MICB
01: MICA only
10: MICB only
11: none (mutes microphone PGAs)
10h
MIC Routing
2:0
MIC2HVOL
010
(0dB)
Mic PGA to headphone mixers gain
000: +6dB
… (3dB steps)
111: -15dB
Table 26 Microphone PGA Routing Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com