Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
ID
00
Indicates that the WM9713L is configured as the
primary codec in the system.
11:10
REV
01
Indicates that the WM9713L conforms to AC’97
Rev2.2
9
AMAP
0
Indicates that the WM9713L does not support slot
mapping
8
LDAC
0
Indicates that the WM9713L does not have an
LFE DAC
7
SDAC
0
Indicates that the WM9713L does not have
Surround DACs
6
CDAC
0
Indicates that the WM9713L does not have a
Centre DAC
3
VRM
0
Indicates that the WM9713L does not have a
dedicated, variable rate microphone ADC
2
SPDIF
1
Indicates that the WM9713L supports SPDIF
output
1
DRA
0
Indicates that the WM9713L does not support
double rate audio
28h
0
VRA
1
Indicates that the WM9713L supports variable rate
audio
Intel’s AC’97
Component
Specification,
Revision 2.2,
page 59
Register 28h is a read-only register that indicates to the driver which advanced AC’97 features the WM9713L supports.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
10
SPCV
1 (valid)
SPDIF validity bit (read-only)
5:4
SPSA
01 (slots 6, 9)
Controls SPDIF slot assignment. 00=slots 3 and 4,
01=6/9, 10=7/8, 11=10/11
2
SEN
0 (OFF)
Enables SPDIF output enable
2Ah
0
VRA
0 (OFF)
Enables variable rate audio
Digital Audio
(SPDIF)
Output
Register 2Ah controls the SPDIF output and variable rate audio.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2Ch
all
DACSR
BB80h
Controls stereo DAC sample rate
2Eh
all
AUXDACSR
BB80h
Controls auxiliary DAC sample rate
32h
all
ADCSR
BB80h
Controls audio ADC sample rate
Variable Rate
Audio /
Sample Rate
Conversion
Note: The VRA bit in register 2Ah must be set first to obtain sample rates other than 48kHz
Registers 2Ch, 2Eh 32h and control the sample rates for the stereo DAC, auxiliary DAC and audio ADC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com