Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
90
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
M2H
1 (mute)
Mutes MONOIN to headphone mixer paths
14
M2S
1 (mute)
Mutes MONOIN to speaker mixer path
12:8
MONOINVOL
01000 (0dB)
Controls MONOIN input gain to all mixers (but
not to ADC)
7
MU
1 (mute)
Mutes MONO.
6
ZC
0 (OFF)
Enables zero-cross detector
08h
5:0
MONOVOL
000000 (0dB)
MONO volume
Analogue
Inputs;
Analogue
Audio Outputs
Register 08h controls the analogue output pin MONO and the analogue input pin MONOIN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
L2H
1 (mute)
Mutes LINE to headphone mixer paths
14
L2S
1 (mute)
Mutes LINE to speaker mixer path
13
L2M
1 (mute)
Mutes LINE to mono mixer path
12:8
LINELVOL
01000 (0dB)
Controls LINEL input gain to all mixers (but not to
ADC)
0Ah
4:0
LINERVOL
01000 (0dB)
Controls LINER input gain to all mixers (but not to
ADC)
Analogue
Inputs, Line
Input
Register 0Ah controls the analogue input pins LINEL and LINER.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
D2H
1 (mute)
Mutes DAC to headphone mixer path
14
D2S
1 (mute)
Mutes DAC to speaker mixer path
13
D2M
1 (mute)
Mutes DAC to mono mixer path
12:8
DACLVOL
01000 (0dB)
Controls left DAC input gain to all mixers
0Ch
4:0
DACRVOL
01000 (0dB)
Controls right DAC input gain to all mixers
Audio DACs
Register 0Ch controls the audio DACs (but not AUXDAC).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
12:8
MICAVOL
01000 (0dB)
Controls MICA PGA volume
0Eh
4:0
MICBVOL
01000 (0dB)
Controls MICB PGA volume
Analogue
Inputs,
Microphone
Input
Register 0Eh controls the microphone PGA volume (MICA and MICB).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
MA2M
1 (mute)
Mutes MICA to mono mixer path
6
MB2M
1 (mute)
Mutes MICB to mono mixer path
5
MIC2MBST
0 (OFF)
Enables 20dB gain boost at mono mixer for MICA
and MICB
4:3
MIC2H
11 (mute)
Controls microphone to headphone mixer paths.
00=stereo, 01=MICA only, 10=MICB only,
11=mute MICA and MICB
10h
2:0
MIC2HVOL
010 (0dB)
Controls gain of microphone to headphone mixer
path
Analogue
Inputs,
Microphone
Input
Register 10h controls the microphone routing (MICA and MICB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com