Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
69
POLL (74h)
Starts a single measurement
CTC (74h)
Starts a co-ordinate measurement at specified conversion rate
COO (74h)
Enables Co-Ordinate mode
ADCSEL (74H)
Specifies the type of measurement to be made
Figure 24 Touchpanel Conversion Flow Diagram
If the SLEN bit is set to ‘1’, then the touchpanel data appears on the AC-Link slot selected by the
SLT control bits, as shown below. The Slot 0 ‘tag’ bit corresponding to the selected time slot is
asserted whenever there is new data on that slot.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
SLEN
0
Slot Readback Enable
0: Disabled (readback through register only)
1: Enable (readback slot selected by SLT)
76h
2:0
SLT
110
AC’97 Slot Selection for Touchpanel Data
000: Slot 5
001: Slot 6
…
101: Slot 10
110: Slot 11
111: RESERVED
Table 50 Returning Touchpanel Data Through an AC-Link Time Slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com