Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
30
RECORD GAIN
The amplitude of the signal that enters the audio ADC is controlled by the Record PGA
(Programmable Gain Amplifier). The PGA gain can be programmed either by writing to the Record
Gain register, or by the Automatic Level Control (ALC) circuit (see next section). When the ALC is
enabled, any writes to the Record Gain register have no effect.
Two different gain ranges can be implemented: the standard gain range defined in the AC’97
standard, or an extended gain range with smaller gain steps. The ALC circuit always uses the
extended gain range, as this has been found to result in better sound quality.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
RMU
1
Mute Audio ADC (both channels)
1: Mute (OFF)
0: No Mute (ON)
14
GRL
0
Gain range select (left)
0: Standard (0 to 22.5dB, 1.5dB step size)
1: Extended (-17.25 to +30dB, 0.75dB steps)
Record Volume (left)
Standard (GRL=0)
Extended (GRL=1)
13:8
RECVOLL
000000
XX0000: 0dB
XX0001: +1.5dB
… (1.5dB steps)
XX1111: +22.5dB
000000: -17.25dB
000001: -16.5dB
… (0.75dB steps)
111111: +30dB
7
ZC
0
Zero Cross Enable
0: Record Gain changes immediately
1: Record Gain changes when signal is zero
or after time-out
6
GRR
0
Gain range select (right)
Similar to GRL
12h
Record Gain
5:0
RECVOLR
000000
Record Volume (right)
Similar to RECVOLR
Table 11 Record Gain Register
The output of the Record PGA can also be mixed into the phone and/or headphone outputs (see
“Audio Mixers”). This makes it possible to use the ALC function for the microphone signal in a
smartphone application.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:14
R2H
11 (mute)
Controls record mux to headphone mixer
paths. 00=stereo, 01=left rec mux only,
10=right rec mux only, 11=mute left and
right
13:11
R2HVOL
010 (0dB)
Controls gain of record mux l/r to headphone
mixer paths.
000: +6dB
001: +3dB
... (3dBsteps)
111: -15dB
10:9
R2M
11 (mute)
Controls record mux to mono mixer path.
00=stereo, 01=left rec mux only, 10=right
rec mux only, 11=mute left and right
14h
Record
Routing
8
R2MBST
0 (OFF)
Enables 20dB gain boost for record mux to
mono mixer path
Table 12 Record PGA Routing Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com