Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
72
MASK INPUT CONTROL
Sources of glitch noise, such as the signals driving an LCD display, may feed through to the
touchscreen plates and affect measurement accuracy. In order to minimise this effect, a signal may
be applied to MASK (pin 47 / pin 3) to delay or synchronise the sampling of any input to the ADC.
The effect of the MASK signal depends on the the MSK bits of register 78h (bits [7:6]), as described
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
78h
7:6
MSK
00
MASK input control (see Table 55)
Table 54 MASK Input Control
MSK[1-0]
EFFECT OF SIGNAL ON MASK PIN
00
Mask has no effect on conversions GPIO input disabled (default)
01
Static; ‘hi’ on MASK pin stops conversions, ‘lo’ has no effect.
10
Edge triggered; rising or falling edge on MASK pin delays conversions
by an amount set in the DEL[3-0] register. Conversions are asynchronous to the
MASK signal.
11
Synchronous mode; conversions wait until rising or falling edge on MASK initiates
cycle; screen starts to be driven when the edge arrives, the conversion sample
being taken a period set by DEL[3-0] after the edge.
Table 55 Controlling the MASK Feature
Note that pin 47 / pin 3 can also be used as a GPIO(see “GPIO and Interrupt Control” section), or to
output the ADA signal (see below).
THE ADA SIGNAL
Whenever data becomes available from the touchpanel ADC, the internal ADA (ADC Data Available)
signal goes high and remains high until the data has been read from register 7Ah (if SLEN = 0) or
until it has been sent out on an AC-Link slot (if SLEN = 1).
ADA goes high either-
•
After every touchpannel ADC conversion (in normal mode, COO=0)
•
After every set of 3 conversions (co-ordinate mode, COO=1)
ADA can be used to generate an interrupt, if the AW bit (register 52h, bit 12) is set (see “GPIO and
interrupt control” section)
It is also possible to output the ADA signal on pin 47 / pin 3, if this pin is not used as a GPIO. The
GE4/6 bit must be set to ‘0’ to achieve this (see “GPIO and interrupt control” section).
Alternatively, ADA can be read from bit 12 in register 54h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com