Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
77
GPIO AND INTERRUPT CONTROL
The WM9713L has eight GPIO pins that operate as defined in the AC’97 Revision 2.2 specification.
Each GPIO pin can be set up as an input or as an output, and has corresponding bits in register 54h
and in slot 12. The state of a GPIO output is determined by sending data through slot 12 of outgoing
frames (SDATAOUT). Data can be returned from a GPIO input by reading the register bit, or
examining slot 12 of incoming frames (SDATAIN). GPIO inputs can be made sticky, and can be
programmed to generate an interrupt, transmitted either through the AC-Link or through a dedicated,
level-mode interrupt pin (GPIO2/IRQ, pin 45).
In addition, the GPIO pins 1, 3, 4 and 5 can be used for the PCM interface by setting bit 15 of
register 36h (see “PCM Codec” section). Setting this bit disables any GPIO functions selected on
these pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
36h
PCM Codec
Control
15
CTRL
0
Enables PCM interface on GPIO pins 1, 3, 4 and
5.
0: Normal GPIO functions
1: PCM interface enabled
56h
GPIO Pin
Sharing
8:2
GE#
1 (GPIO)
Toggle GPIO pin function:
0: secondary function enabled
1: GPIO enabled
Table 59 GPIO Additional Function Control
GPIO pins 2 to 8 are multi-purpose pins that can also be used for other (non-GPIO / -PCM)
purposes, e.g. as a SPDIF output or to signal pendown. This is controlled by register 56h.
Note that GPIO6/7/8 each have an additional function independent of the GPIO / auxillary functions
discussed above. If these pins are to be used as GPIO then the independent function needs to be
disabled using its own control registers, e.g. to use pin 11 as a GPIO then the RESETB function
needs to be disabled (RSTDIS, register 5Ah, bit 8).
Independently of the GPIO pins, the WM9713L also has seven virtual GPIOs. These are signals from
inside the WM9713L, which are treated as if they were GPIO input signals. From a software
perspective, virtual GPIOs are the same as GPIO pins, but they cannot be set up as outputs, and are
not tied to an actual pin. This allows for simple, uniform processing of different types of signals that
may generate interrupts (e.g. pen down, battery warnings, jack insertion, high-temperature warning,
or GPIO signals).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com