Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:13
COMP2DEL
000 (no delay)
Selects Comparator 2 delay
Battery Alarm
8
RSTDIS
0 (RESETB
enabled)
Disables RESETB pin to enable use
as a GPIO
GPIO Interrupt and Control
7:6
JSEL
00 (GPIO1)
Selects GPIO for jack insert detect:
00: GPIO1
01: GPIO6
10: GPIO7
11: GPIO8
Jack Insertion & Auto-
Switching
5:4
HPMODE
00
HPF corner frequency
00: 7Hz @ Fs=48kHz
01: 82Hz @ Fs=16kHz
10: 82Hz @ Fs=8kHz
11: 170Hz @ Fs=8kHz
Audio ADCs
3:2
DIE REV
Indicates device revision. 00=Rev.A, 01=Rev.B,
10=Rev.C
N/A
1
WAKEEN
0 (no wake-up)
Enables GPIO wake-up
5Ah
0
IRQ INV
0 (not inverted)
Inverts the IRQ signal (pin 45)
GPIO and Interrupt Control
Register 5Ah controls several additional functions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
AMUTE
0
Read-only bit to indicate DAC auto-
muting
Audio DACs, Stereo DACs
14
C1REF
0 (AVDD/2)
Selects Comparator 1 Reference
Voltage
13:12
C1SRC
00 (OFF)
Selects Comparator 1 Signal Source
11
C2REF
0 (AVDD/2)
Selects Comparator 1 Reference
Voltage
10:9
C2SRC
00 (OFF)
Selects Comparator 1 Signal Source
Battery Alarm
7
AMEN
0 (OFF)
Enables DAC Auto-Mute
6:5
VBIAS
00
Selects analogue bias for lowest
power, depending on AVDD supply.
0X=3.3V, 10=2.5V, 11=1.8V
Power Management
4
ADCO
0
Selects source of SPDIF data. 0=from
SDATAOUT, 1= from audio ADC
Digital Audio (SPDIF)
Output
3
HPF
0
Disables ADC high-pass filter
Audio ADC
5Ch
1:0
ASS
00
Selects time slots for stereo ADC
data. 00=slots 3 and 4, 01=7/8,
10=6/9, 11=10/11
Audio ADC, ADC Slot
Mapping
Register 5Ch controls several additional functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com