Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9713LGEFL/V Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
82
Table 65 Extended Power Down Register (2) (Additional to AC’97 Rev 2.2)
Note:
1.
When disabling a PGA, always ensure that it is muted first.
ADDITIONAL POWER MANAGEMENT
Mixer output inverters: see “Mixer output Inverters” section. Inverters are OFF by default.
Touchpanel Interface: see “Controlling the Touchpanel Digitiser / Power Management”. The
touchpanel digitiser is OFF by default.
SLEEP MODE
Whenever the PR4 bit (reg. 26h) is set, the AC-Link interface is disabled, and the WM9713L is in
sleep mode. There is in fact a very large number of different sleep modes, depending on the other
control bits. For example, the low-power standby mode described below is a sleep mode. It is
desirable to use sleep modes whenever possible, as this will save power. The following functions do
not require a clock and can therefore operate in sleep mode:
•
Analogue-to-analogue audio (DACs and ADCs unused), e.g. phone call mode
•
Pen-down detection
•
GPIO and interrupts
•
Battery alarm / analogue comparators
The WM9713L can awake from sleep mode as a result of
•
A warm reset on the AC-Link (according to the AC’97 specification)
•
A signal on a GPIO pin (if the pin is configured as an input, with wake-up enabled –
see “GPIO and Interrupt Control” section)
•
A virtual GPIO event such as pen-down, battery alarm, etc. (see “GPIO and
Interrupt Control” section)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
MCD
1 (OFF)
Disables microphone current detect
14
MICBIA
S
1 (OFF)
Disables microphone bias
13
MONO
1 (OFF)
Disables MONO output PGA (see Note 1)
12
OUT4
1 (OFF)
Disables OUT4 output PGA
( “
“ )
11
OUT3
1 (OFF)
Disables OUT3 output PGA
( “
“ )
10
HPL
1 (OFF)
Disables HPL output PGA
( “
“ )
9
HPR
1 (OFF)
Disables HPR output PGA
( “
“ )
8
SPKL
1 (OFF)
Disables SPKL output PGA
( “
“ )
7
SPKR
1 (OFF)
Disables SPKR output PGA
( “
“ )
6
LL
1 (OFF)
Disables LINEL PGA
( “
“ )
5
LR
1 (OFF)
Disables LINER PGA
( “
“ )
4
MOIN
1 (OFF)
Disables MONOIN PGA
( “
“ )
3
MA
1 (OFF)
Disables mic PGA MA
( “
“ )
2
MB
1 (OFF)
Disables mic PGA MB
( “
“ )
1
MPA
1 (OFF)
Disables mic pre-amp MPA
3Eh
Powerdown
(2)
0
MPB
1 (OFF)
Disables mic pre-amp MPB
Note: When analogue inputs or outputs are disabled, they are internally connected to VREF
through a large resistor (VREF=AVDD/2 except when VREF and VMID1M are both OFF). This
maintains the potential at that node and helps to eliminate pops when the pins are re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com