Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 1 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 1 Page - STMicroelectronics

  AIS2120SX Datasheet HTML 1Page - STMicroelectronics AIS2120SX Datasheet HTML 2Page - STMicroelectronics AIS2120SX Datasheet HTML 3Page - STMicroelectronics AIS2120SX Datasheet HTML 4Page - STMicroelectronics AIS2120SX Datasheet HTML 5Page - STMicroelectronics AIS2120SX Datasheet HTML 6Page - STMicroelectronics AIS2120SX Datasheet HTML 7Page - STMicroelectronics AIS2120SX Datasheet HTML 8Page - STMicroelectronics AIS2120SX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
This is information on a product in full production.
January 2017
DocID028312 Rev 3
1/58
AIS1120SX
AIS2120SX
MEMS automotive acceleration sensor:
single/dual-axis with SPI interface
Datasheet
- production data
Features
 AEC-Q100 qualified
 3.3 V single supply operation
 14-bit data output
120 g full scale
 Slow and fast offset cancellation
 Embedded self-test
 Selectable low-pass filter
 SPI interface
 ECOPACK® compliant
 Extended temperature range -40 °C to +105 °C
Applications
 Airbag systems
 Vibrations, impact monitoring
Description
The AIS1120SX / AIS2120SX is a central
acceleration sensor with a single or dual axis
sensing element and an IC interface able to
provide acceleration information to a master
control unit via an SPI protocol.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a BCD
process that allows a high level of integration. The
device is factory trimmed to better tune the
characteristics of the sensing element with the
acceleration information to be supplied.
The AIS1120SX / AIS2120SX has a full scale of
120 g. The acquisition chain consists of a C/V
converter, a full-differential charge amplifier, a 2nd
order
analog-to-digital converter and a digital
core, which includes filtering, compensation and
interpolation, control logic and SPI protocol
generation.
The differential capacitance of the sensor is
proportional to the proof mass displacement;
thus, by sensing the differential capacitance, the
position of the sensor is determined. Then, since
the mass position is known, and the position is
related to the input acceleration, the input
acceleration can be easily deduced.
The device is available in a plastic SOIC8
package and is guaranteed to operate over a
temperature range extending from -40 °C to
+105 °C.
SOIC8
Table 1. Device summary
Order code
g-range
Sensitivity
axes
Operating temperature
range [
C]
Package
Packing
AIS1120SXTR
120 g
x
-40 to +105
SOIC8N
Tape and reel
AIS2120SXTR
120 g
xy
-40 to +105
SOIC8N
Tape and reel
www.st.com


Similar Part No. - AIS2120SX

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
AIS20C60 ADV-AIS20C60 Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C60B ADV-AIS20C60B Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C60S ADV-AIS20C60S Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C80 ADV-AIS20C80 Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
AIS20C80B ADV-AIS20C80B Datasheet
264Kb / 6P
3 Quadrants Triacs
March,2013 -Rev.3.02
More results

Similar Description - AIS2120SX

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC833LP6GE HITTITE-HMC833LP6GE Datasheet
3Mb / 61P
Built in Digital Self Test
logo
ON Semiconductor
NCS37012 ONSEMI-NCS37012 Datasheet
137Kb / 9P
Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2012 ??Rev. P0
logo
Fairchild Semiconductor
FAN41501 FAIRCHILD-FAN41501 Datasheet
1Mb / 11P
Ground Fault Interrupter Self-Test Digital Controller
logo
Texas Instruments
SN54LVT8980A TI1-SN54LVT8980A_14 Datasheet
871Kb / 38P
EMBEDDED TEST-BUS CONTROLLERS
logo
ON Semiconductor
NCS37012 ONSEMI-NCS37012_16 Datasheet
101Kb / 9P
Self Test Ground Fault Circuit Interrupter (GFCI)
May, 2016 ??Rev. 0
NCS37010 ONSEMI-NCS37010_14 Datasheet
193Kb / 12P
Self Test With Lockout Ground Fault Circuit Interrupter
October, 2014 ??Rev. 1
FAN41501 ONSEMI-FAN41501 Datasheet
901Kb / 13P
Ground Fault Interrupter Self-Test Digital Controller
June 2014
NCS37014 ONSEMI-NCS37014 Datasheet
157Kb / 8P
Self Test Ground Fault Circuit Interrupter (GFCI)
March, 2020 ??Rev. 2
NCS37020 ONSEMI-NCS37020 Datasheet
284Kb / 13P
Self-Test Appliance Leakage Circuit Interrupter (ALCI)
February, 2020 ??Rev. 1
NCS37015 ONSEMI-NCS37015 Datasheet
234Kb / 10P
Self Test Ground Fault Circuit Interrupter (GFCI)
July, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com