Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 38 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 34Page - STMicroelectronics AIS2120SX Datasheet HTML 35Page - STMicroelectronics AIS2120SX Datasheet HTML 36Page - STMicroelectronics AIS2120SX Datasheet HTML 37Page - STMicroelectronics AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics AIS2120SX Datasheet HTML 40Page - STMicroelectronics AIS2120SX Datasheet HTML 41Page - STMicroelectronics AIS2120SX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
Mechanical and electrical specifications
AIS1120SX / AIS2120SX
38/58
DocID028312 Rev 3
Clipping
Dig_Clip
Digital output
-5%
120
+5%
g
Low-pass filter
Cut_off
Cut-off frequency (400 Hz filter)
370
400
430
Hz
1. Offset cancellation can vary with oscillator frequency
2. Internal offset is removed in max. 345 ms; another 6 ms are needed for self-test calibration. During this phase, SPI will
report ND flag if acceleration command being sent.
3. Based on simulation and characterization
4. Guaranteed by design
Table 33. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com