Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 42 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics AIS2120SX Datasheet HTML 40Page - STMicroelectronics AIS2120SX Datasheet HTML 41Page - STMicroelectronics AIS2120SX Datasheet HTML 42Page - STMicroelectronics AIS2120SX Datasheet HTML 43Page - STMicroelectronics AIS2120SX Datasheet HTML 44Page - STMicroelectronics AIS2120SX Datasheet HTML 45Page - STMicroelectronics AIS2120SX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
Interface description
AIS1120SX / AIS2120SX
42/58
DocID028312 Rev 3
5
Interface description
The AIS1120SX / AIS2120SX provides a bi-directional 3.3 V SPI interface for
communication with the MCU at a 32-bit data word size. Each transfer consists of two
frames of 32 clocks per frame.
The sensor always operates in slave mode whereas the MCU provides the master function.
The interface consists of 4 ports as shown below.
Figure 22. SPI
Serial clock (SCK): input for master clock signal. This clock determines the speed of data
transfer and all receiving and sending is done synchronous to this clock.
Chip Select (CS): CS activates the SPI interface. As long as CS is high, the IC does not
accept the clock signal or data and the output SDO is in high impedance. Whenever CS is in
a low logic state, data can be transferred from and to the microcontroller.
Serial Input (SDI): accelerometer data in is latched by the rising edge of SCL (see
Figure 23: SPI timings).
Serial Output (SDO): accelerometer data out is set by the falling edge of SCL (see
Figure 23: SPI timings).
5.1
32-bit communication protocol
The communication between slave and master is transmitted by 32-bit data word, MSB first.
An off-frame protocol is used meaning that each transfer is completed through a sequence
of 2 phases.
The answer of a given request is sent within the very next frame.
The acceleration data for the x-axis, y-axis channel will be frozen at the rising edge of CS of
the Request and submitted during the Response (see Figure 23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com