Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 30 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 26Page - STMicroelectronics AIS2120SX Datasheet HTML 27Page - STMicroelectronics AIS2120SX Datasheet HTML 28Page - STMicroelectronics AIS2120SX Datasheet HTML 29Page - STMicroelectronics AIS2120SX Datasheet HTML 30Page - STMicroelectronics AIS2120SX Datasheet HTML 31Page - STMicroelectronics AIS2120SX Datasheet HTML 32Page - STMicroelectronics AIS2120SX Datasheet HTML 33Page - STMicroelectronics AIS2120SX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Customer accessible data arrays (registers)
AIS1120SX / AIS2120SX
30/58
DocID028312 Rev 3
2.23
OFF_CHX_LOW
Table 27. OFF_CHX_LOW
2.24
OFF_CHY_HIGH
Table 28. OFF_CHY_HIGH
2.25
OFF_CHY_LOW
Table 29. OFF_CHY_LOW
2.26
Other addresses
0x1B: not used
0x1C: not used
0x1D: not used
0x1E: Reserved
0x1F: Reserved
OFF_CHX_LOW (address: 0x18)
Name
Bit#
R/W
Reset state
Description
OFFDataXLatch
7
R
0
Reading OFF_CHX_HIGH register sets the bit
to “1” and OFF_CHX_LOW is locked to its
corresponding HIGH byte i.e. OFF_CHX_HIGH;
Cleared when it is read.
Not used
[6:3]
R
0
OFF_CHX[2:0]
[2:0]
R
0
Channel X offset correction data LSB register
OFF_CHY_HIGH (address: 0x19)
Name
Bit#
R/W
Reset state
Description
OFF_CHY[10:3]
[7:0]
R
0x00
Channel Y offset correction data MSB register
OFF_CHY_LOW (address: 0x1A)
Name
Bit#
R/W
Reset state
Description
OFFDataYLatch
7
R
0
Reading OFF_CHY_HIGH register sets the bit
to “1” and OFF_CHY_LOW is locked to its
corresponding HIGH byte i.e.
OFF_CHY_HIGH;
Cleared when it is read.
Not used
[6:3]
R
0
OFF_CHY[2:0]
[2:0]
R
0
Channel Y offset correction data LSB register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com