Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 22 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 18Page - STMicroelectronics AIS2120SX Datasheet HTML 19Page - STMicroelectronics AIS2120SX Datasheet HTML 20Page - STMicroelectronics AIS2120SX Datasheet HTML 21Page - STMicroelectronics AIS2120SX Datasheet HTML 22Page - STMicroelectronics AIS2120SX Datasheet HTML 23Page - STMicroelectronics AIS2120SX Datasheet HTML 24Page - STMicroelectronics AIS2120SX Datasheet HTML 25Page - STMicroelectronics AIS2120SX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
Customer accessible data arrays (registers)
AIS1120SX / AIS2120SX
22/58
DocID028312 Rev 3
2.4
REG_STATUS
Table 6. REG_STATUS_0
REG_STATUS_0 (address: 0x03)
Name
Bit#
R/W
Reset
state
Description
STATUS [1:0]
[7:6]
R
00
Status Error bits:
if = "00" device is in initialization phase (power-up,
configuration, fast offset cancellation);
if = "01" device is in normal mode (EOI = 1);
if = "10" device is test phase (0 g test or active self
test); EOI = 0;
if = "11" device is in initialization phase or normal
mode and some errors are detected: acceleration
data are disregarded due to errors in device.
TESTMODE_ENABLED
5
R
0
“0”: normal mode;
“1”: test mode
REG_CTRL_0_WR_ERR(1)
4R
0
Will be set to '1' if write EOI = '1' attempt is made
with the device in +ve or -ve self-test (either CHX
or CHY).
Not used
3
R
0
“0” always
LOSS_CAP
2
R
0
Loss of capacitor:
if = "0" then loss of capacitor is not detected
(correct behavior);
if = "1" then loss of capacitor is detected (wrong
behavior).
Note:
1.LOSS_CAP check is done during the power-up
stage (~400 μs after POR) only.
2.Recommended VDD ramp rate >1 V/ms
3.It is recommended that LOSS_CAP flag (and all
other hardware flags) be reconfirmed with soft
POR after power up (END_OF_PWRUP='1').
END_OF_PWRUP
1
R
0
="1": end of power-up sequence; ready for self-
test.
RST_ACTIVE
0
R
0
Reset Active bit:
if = "0" then device is out of reset;
if = "1" then device has undergone a soft reset
sequence. Cleared by a read.
1. Bit not latched (cleared by any read command).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com