Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 35 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 31Page - STMicroelectronics AIS2120SX Datasheet HTML 32Page - STMicroelectronics AIS2120SX Datasheet HTML 33Page - STMicroelectronics AIS2120SX Datasheet HTML 34Page - STMicroelectronics AIS2120SX Datasheet HTML 35Page - STMicroelectronics AIS2120SX Datasheet HTML 36Page - STMicroelectronics AIS2120SX Datasheet HTML 37Page - STMicroelectronics AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
DocID028312 Rev 3
35/58
AIS1120SX / AIS2120SX
Power-on phase and initialization
58
When configured/read as a temperature sensor value, the 14-bit output is unsigned data. Its
value could be estimated as:
ADC_out = -16 x (Temp - 25) + 7280
The following table shows a few examples of temperature sensor data.
Temperature compensation is only enabled during the active self-test phase.
3.6
Phase 5 (T5): normal operation
After the programming phase the ECU will set the End-of-Initialization (EOI) bit and the
device will start normal operation. ST1:ST0 is switched to "01".
Table 31. Temperature sensor data example
Temp. (°C)
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
-40
10000010000000
25
01110001110000
105
01011101110000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com