Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 23 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 19Page - STMicroelectronics AIS2120SX Datasheet HTML 20Page - STMicroelectronics AIS2120SX Datasheet HTML 21Page - STMicroelectronics AIS2120SX Datasheet HTML 22Page - STMicroelectronics AIS2120SX Datasheet HTML 23Page - STMicroelectronics AIS2120SX Datasheet HTML 24Page - STMicroelectronics AIS2120SX Datasheet HTML 25Page - STMicroelectronics AIS2120SX Datasheet HTML 26Page - STMicroelectronics AIS2120SX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DocID028312 Rev 3
23/58
AIS1120SX / AIS2120SX
Customer accessible data arrays (registers)
58
Table 7. REG_STATUS_1
REG_STATUS_1 (address: 0x04)
Name
Bit#
R/W
Reset
state
Description
SPI_ERR(1)
7R
0
SPI error:
if = "0" then SPI format data is compliant with
specifications (correct behavior);
if = "1" then SPI format data is not complaint with
specifications (wrong behavior).
EEPROM_ERR
6
R
0
EEPROM Error: CRC error reading EEPROM.
if = "0" EEPROM reading is correct.
if = "1" EEPROM reading is wrong.
The bit can be cleared by a READ if NVM bit
ErrFlgCfg='1'. If ErrFlgCfg='0', then this bit can't
be cleared.
Not used
5:4
R
0
"0" always
OFF_CANC_CHY_ERR
3
R
0
The sensor sets this flag when the offset is outside
the offset monitoring threshold (±1020 LSB)
during slow offset cancellation for channel Y; this
also creates hardware failure. When the offset is
within the threshold, the flag will be '0' (not
latched)
OFF_CANC_CHX_ERR
2
R
0
The sensor sets this flag when the offset is outside
the offset monitoring threshold (±1020 LSB)
during slow offset cancellation for channel X; this
also creates hardware failure. When the offset is
within the threshold, the flag will be '0' (not
latched)
REG_CONFIG_WR_ERR(1)
1R
0
Configuration register writing operation error:
if = "0" then a writing operation is not addressed
by the SPI on REG_CONFIG register when
END_OF_INIT=1 (correct behavior);
if = "1" then a writing operation is addressed by
the SPI on REG_CONFIG register when
END_OF_INIT=1 (wrong behavior).
REG_CTRL_1_WR_ERR(1)
0R
0
Control register 1 writing operation error:
if = "0" then a writing operation is not addressed
by the SPI on REG_CNTR_1 register when
END_OF_INIT=1 (correct behavior);
if = "1" then a writing operation is addressed by
the SPI on REG_CNTR_1 register when
END_OF_INIT=1 (wrong behavior).
1. Bit not latched (cleared by any read command).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com