Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 37 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 33Page - STMicroelectronics AIS2120SX Datasheet HTML 34Page - STMicroelectronics AIS2120SX Datasheet HTML 35Page - STMicroelectronics AIS2120SX Datasheet HTML 36Page - STMicroelectronics AIS2120SX Datasheet HTML 37Page - STMicroelectronics AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics AIS2120SX Datasheet HTML 40Page - STMicroelectronics AIS2120SX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DocID028312 Rev 3
37/58
AIS1120SX / AIS2120SX
Mechanical and electrical specifications
58
4.2
Electrical characteristics
3.13 V
VDD 3.47 V, -40°C TOP 105°C, acceleration = 0 g, over lifetime, unless
otherwise noted.
Table 33. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
-5%
3.3
+5%
V
Vreg
-5%
2.8
+5%
V
ISS
Supply current
Single axis
3
6
mA
ISD
Supply current
Dual axis
4
8
mA
Offset cancellation(1)
AVG
Averaging period
-5%
1024
+5%
ms
Off_CVU
Offset correction value per
update
-1
+1
LSb
Off_DSPE
Default startup phase enable
time
Time to guarantee the
internal offset is removed
317
334
351(2)
ms
Off_Fast
Fast offset cancellation
-5%
8000
+5%
LSb/s
Off_Slow Slow offset cancellation
0.8
1
1.2
LSb/s
Self-test
ST
Self-test output change
VDD = 3.30 V, T = 25°C,
Frequency = 0 Hz
1632
LSb
ST_TOL
Self-test tolerance
Across temp, over life time
-15
15
%
ST_TON_
TOFF
Self-test turn-on/off time
Specification reached for a
400 Hz 3-pole filter
2ms
Noise
Nois_RMS Output noise
RMS
+4
LSb
Nois_P2P Output noise
peak-to-peak
+16
LSb
Angular acceleration sensitivity(3)
AAS
Angular acceleration sensitivity
5*10-6
g*s2/ rad
SDO pin load(4)
LOAD
Capacitive load drive
60
pF
Oscillator frequency
Fosc
Oscillator frequency
-5%
16.384
+5%
MHz
Power supply rejection ratio
PSRR
Power supply RR
1*Fsw, 2*Fsw, 3*Fsw,
4*Fsw, 5*Fsw, 6*Fsw
0.5
LSb/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com