Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIS2120SX Datasheet(PDF) 40 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 36Page - STMicroelectronics AIS2120SX Datasheet HTML 37Page - STMicroelectronics AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics AIS2120SX Datasheet HTML 40Page - STMicroelectronics AIS2120SX Datasheet HTML 41Page - STMicroelectronics AIS2120SX Datasheet HTML 42Page - STMicroelectronics AIS2120SX Datasheet HTML 43Page - STMicroelectronics AIS2120SX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Mechanical and electrical specifications
AIS1120SX / AIS2120SX
40/58
DocID028312 Rev 3
Table 37. 1600 Hz digital filter
Table 35. 400 Hz digital filter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Signal delay(1)
Overall signal delay
0.84
0.976
1.0
ms
Sampling rate(1)
Interpolation output
256
kHz
1. Based on simulations
Table 36. 800 Hz digital filter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Signal delay(1)
Overall signal delay
0.4
0.507
0.6
ms
Sampling rate(1)
Interpolation output
256
kHz
1. Based on simulations
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Signal delay(1)
1. Based on simulations
Overall signal delay
0.19
0.273
0.32
ms
Sampling rate(1)
Interpolation output
256
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com