Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 296 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 296 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 292Page - Texas Instruments TMS320DM814X Datasheet HTML 293Page - Texas Instruments TMS320DM814X Datasheet HTML 294Page - Texas Instruments TMS320DM814X Datasheet HTML 295Page - Texas Instruments TMS320DM814X Datasheet HTML 296Page - Texas Instruments TMS320DM814X Datasheet HTML 297Page - Texas Instruments TMS320DM814X Datasheet HTML 298Page - Texas Instruments TMS320DM814X Datasheet HTML 299Page - Texas Instruments TMS320DM814X Datasheet HTML 300Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 377 page
background image
A1
A1
X
Recommended DDR2 Device
Orientation
Y
X
1
X
1
OFFSET
X
1
OFFSET
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.4.1.1.4 Placement
Figure 8-49 shows the required placement for the processor as well as the DDR2 devices. The
dimensions for this figure are defined in Table 8-57. The placement does not restrict the side of the PCB
on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR2 device
is omitted from the placement.
Figure 8-49. DM814x Device and DDR2 Device Placement
Table 8-57. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
1
X + Y(1)(2)
1660
Mils
2
X'(1)(2)
1280
Mils
3
X' Offset(1)(2) (3)
650
Mils
4
DDR2 keepout region(4)
5
Clearance from non-DDR2 signal to DDR2 keepout region(5)
4
w
(1)
For dimension definitions, see Figure 8-47.
(2)
Measurements from center of processor to center of DDR2 device.
(3)
For 16-bit memory systems, it is recommended that X' offset be as small as possible.
(4)
DDR2 keepout region to encompass entire DDR2 routing area.
(5)
Non-DDR2 signals allowed within DDR2 keepout region provided they are separated from DDR2 routing layers by a ground plane.
296
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com