Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 298 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 298 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 294Page - Texas Instruments TMS320DM814X Datasheet HTML 295Page - Texas Instruments TMS320DM814X Datasheet HTML 296Page - Texas Instruments TMS320DM814X Datasheet HTML 297Page - Texas Instruments TMS320DM814X Datasheet HTML 298Page - Texas Instruments TMS320DM814X Datasheet HTML 299Page - Texas Instruments TMS320DM814X Datasheet HTML 300Page - Texas Instruments TMS320DM814X Datasheet HTML 301Page - Texas Instruments TMS320DM814X Datasheet HTML 302Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.4.1.1.7 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR2 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, processor/DDR power,
and processor/DDR ground connections. Table 8-59 contains the specification for the HS bypass
capacitors as well as for the power connections on the PCB.
Table 8-59. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
MAX
UNIT
1
HS bypass capacitor package size(1)
0402
10 Mils
2
Distance from HS bypass capacitor to device being bypassed
250
Mils
3
Number of connection vias for each HS bypass capacitor(2)
2
Vias
4
Trace length from bypass capacitor contact to connection via
1
30
Mils
5
Number of connection vias for each processor power/ground ball
1
Vias
6
Trace length from processor power/ground ball to connection via
35
Mils
7
Number of connection vias for each DDR2 device power/ground ball
1
Vias
8
Trace length from DDR2 device power/ground ball to connection via
35
Mils
9
DVDD18 HS bypass capacitor count(3)(4)
40
Devices
10
DVDD18 HS bypass capacitor total capacitance(5)
2.4
μF
11
DDR device HS bypass capacitor count(6)(7)
8
Devices
12
DDR device HS bypass capacitor total capacitance(7)
0.4
μF
(1)
LxW, 10-mil units, that is, a 0402 is a 40x20-mil surface-mount capacitor.
(2)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board.
(3)
These devices should be placed as close as possible to the device being bypassed.
(4)
Use half of these capacitors for DDR[0] and half for DDR[1].
(5)
Use half of these capacitors for DDR[0] and half for DDR[1].
(6)
These devices should be placed as close as possible to the device being bypassed.
(7)
Per DDR device.
8.13.4.1.1.8 Net Classes
Table 8-60 lists the clock net classes for the DDR2 interface. Table 8-61 lists the signal net classes, and
associated clock net classes, for the signals in the DDR2 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-60. Clock Net Class Definitions
CLOCK NET CLASS
PROCESSOR PIN NAMES
CK
DDR[x]_CLK/DDR[x]_CLK
DQS0
DDR[x]_DQS[0]/DDR[x]_DQS[0]
DQS1
DDR[x]_DQS[1]/DDR[x]_DQS[1]
DQS2(1)
DDR[x]_DQS[2]/DDR[x]_DQS[2]
DQS3(1)
DDR[x]_DQS[3]/DDR[x]_DQS[3]
(1)
Only used on 32-bit wide DDR2 memory systems.
298
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com