Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 297 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 297 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 293Page - Texas Instruments TMS320DM814X Datasheet HTML 294Page - Texas Instruments TMS320DM814X Datasheet HTML 295Page - Texas Instruments TMS320DM814X Datasheet HTML 296Page - Texas Instruments TMS320DM814X Datasheet HTML 297Page - Texas Instruments TMS320DM814X Datasheet HTML 298Page - Texas Instruments TMS320DM814X Datasheet HTML 299Page - Texas Instruments TMS320DM814X Datasheet HTML 300Page - Texas Instruments TMS320DM814X Datasheet HTML 301Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 377 page
background image
A1
A1
A1
A1
DDR2 Device
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.13.4.1.1.5 DDR2 Keepout Region
The region of the PCB used for the DDR2 circuitry must be isolated from other signals. The DDR2
keepout region is defined for this purpose and is shown in Figure 8-50. The size of this region varies with
the placement and DDR routing. Additional clearances required for the keepout region are shown in
Table 8-57.
Figure 8-50. DDR2 Keepout Region
NOTE
The region shown in should encompass all the DDR2 circuitry and varies depending on
placement. Non-DDR2 signals should not be routed on the DDR signal layers within the
DDR2 keepout region. Non-DDR2 signals may be routed in the region, provided t hey are
routed on layers separated from DDR2 signal layers by a ground layer. No breaks should be
allowed in the reference ground layers in this region. In addition, the 1.8-V power plane
should cover the entire keepout region. Routes for the two DDR interfaces must be
separated by at least 4x; the more separation, the better.
8.13.4.1.1.6 Bulk Bypass Capacitors
Bulk bypass capacitors are required for moderate speed bypassing of the DDR2 and other circuitry.
Table 8-58 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note
that this table only covers the bypass needs of the DDR2 interfaces and DDR2 device. Additional bulk
bypass capacitance may be needed for other circuitry.
Table 8-58. Bulk Bypass Capacitors
No.
Parameter
Min
Max
Unit
1
DVDD18 bulk bypass capacitor count(1)
6
Devices
2
DVDD18 bulk bypass total capacitance
60
μF
3
DDR#1 bulk bypass capacitor count(1)
1
Devices
4
DDR#1 bulk bypass total capacitance(1)
10
μF
5
DDR#2 bulk bypass capacitor count(2)
1
Devices
6
DDR#2 bulk bypass total capacitance(1)(2)
10
μF
(1)
These devices should be placed near the device they are bypassing, but preference should be given to the placement of the high-speed
(HS) bypass capacitors. Use half of these capacitors for DDR[0] and half for DDR[1].
(2)
Only used on 32-bit wide DDR2 memory systems.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
297
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com