Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814X Datasheet(PDF) 310 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 310 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 306Page - Texas Instruments TMS320DM814X Datasheet HTML 307Page - Texas Instruments TMS320DM814X Datasheet HTML 308Page - Texas Instruments TMS320DM814X Datasheet HTML 309Page - Texas Instruments TMS320DM814X Datasheet HTML 310Page - Texas Instruments TMS320DM814X Datasheet HTML 311Page - Texas Instruments TMS320DM814X Datasheet HTML 312Page - Texas Instruments TMS320DM814X Datasheet HTML 313Page - Texas Instruments TMS320DM814X Datasheet HTML 314Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.4.2.4.6.1 Return Current Bypass Capacitors and Vias
If a power plane is used as a reference plane then additional bypass capacitors may be required to
accommodate the signal return currents. Care should be taken to minimize the layer transitions during
routing. If a layer transition is necessary, it is better to transition to a layer using the same reference plane.
If this cannot be accommodated, ensure there is a nearby path to allow the return currents to transition
between reference planes. Transitions from power reference planes to ground reference planes must go
through a bypass capacitor. Transition between different ground references or DVDD_DDR planes can go
through a connecting via. As many of these return current bypass capacitors or vias should be used as
possible. The goal is to minimize the size of the return current loops. Generally, this type of situation
happens where signals must transition from horizontal to vertical routing and vice-versa.
8.13.4.2.4.7 Net Classes
Table 8-73 lists the clock net classes for the DDR3 interface. Table 8-74 lists the signal net classes, and
associated clock net classes, for signals in the DDR3 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-73. Clock Net Class Definitions
CLOCK NET CLASS
PROCESSOR PIN NAMES
CK
DDR[x]_CLK/DDR[x]_CLK
DQS0
DDR[x]_DQS[0]/DDR[x]_DQS[0]
DQS1
DDR[x]_DQS[1]/DDR[x]_DQS[1]
DQS2(1)
DDR[x]_DQS[2]/DDR[x]_DQS[2]
DQS3(1)
DDR[x]_DQS[3]/DDR[x]_DQS[3]
(1)
Only used on 32-bit wide DDR3 memory systems.
Table 8-74. Signal Net Class Definitions
ASSOCIATED CLOCK
CLOCK NET CLASS
PROCESSOR PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR[x]_BA[2:0], DDR[x]_A[14:0], DDR[x]_CS[x], DDR[x]_CAS, DDR[x]_RAS,
DDR[x]_WE, DDR[x]_CKE, DDR[x]_ODT[x]
DQ0
DQS0
DDR[x]_D[7:0], DDR[x]_DQM[0]
DQ1
DQS1
DDR[x]_D[15:8], DDR[x]_DQM[1]
DQ2(1)
DQS2
DDR[x]_D[23:16], DDR[x]_DQM[2]
DQ3(1)
DQS3
DDR[x]_D[31:24], DDR[x]_DQM[3]
(1)
Only used on 32-bit wide DDR3 memory systems.
8.13.4.2.4.8 DDR3 Signal Termination
Signal terminators are required for the CK and ADDR_CTRL net classes. The data lines are terminated by
ODT and, thus, the PCB traces should be unterminated. Detailed termination specifications are covered in
the routing rules in the following sections.
8.13.4.2.4.9 VREFSSTL_DDR Routing
VREFSSTL_DDR (VREF) is used as a reference by the input buffers of the DDR3 memories as well as
the processor. VREF is intended to be half the DDR3 power supply voltage and is typically generated with
the DDR3 1.5-V and VTT power supply. It should be routed as a nominal 20-mil wide trace with 0.1 µF
bypass capacitors near each device connection. Narrowing of VREF is allowed to accommodate routing
congestion.
310
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com