Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 33Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 34Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 35Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 36Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 37Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 38Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 39Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 40Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 37 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 7343h
ICU
Interrupt Source Priority Register 067
IPR067
8
8
2 ICLK
0008 7344h
ICU
Interrupt Source Priority Register 068
IPR068
8
8
2 ICLK
0008 7345h
ICU
Interrupt Source Priority Register 069
IPR069
8
8
2 ICLK
0008 7346h
ICU
Interrupt Source Priority Register 070
IPR070
8
8
2 ICLK
0008 7347h
ICU
Interrupt Source Priority Register 071
IPR071
8
8
2 ICLK
0008 7358h
ICU
Interrupt Source Priority Register 088
IPR088
8
8
2 ICLK
0008 7359h
ICU
Interrupt Source Priority Register 089
IPR089
8
8
2 ICLK
0008 735Ah
ICU
Interrupt Source Priority Register 090
IPR090
8
8
2 ICLK
0008 735Ch
ICU
Interrupt Source Priority Register 092
IPR092
8
8
2 ICLK
0008 735Dh
ICU
Interrupt Source Priority Register 093
IPR093
8
8
2 ICLK
0008 7366h
ICU
Interrupt Source Priority Register 102
IPR102
8
8
2 ICLK
0008 7367h
ICU
Interrupt Source Priority Register 103
IPR103
8
8
2 ICLK
0008 736Ah
ICU
Interrupt Source Priority Register 106
IPR106
8
8
2 ICLK
0008 7372h
ICU
Interrupt Source Priority Register 114
IPR114
8
8
2 ICLK
0008 7376h
ICU
Interrupt Source Priority Register 118
IPR118
8
8
2 ICLK
0008 7379h
ICU
Interrupt Source Priority Register 121
IPR121
8
8
2 ICLK
0008 737Bh
ICU
Interrupt Source Priority Register 123
IPR123
8
8
2 ICLK
0008 737Dh
ICU
Interrupt Source Priority Register 125
IPR125
8
8
2 ICLK
0008 737Fh
ICU
Interrupt Source Priority Register 127
IPR127
8
8
2 ICLK
0008 7381h
ICU
Interrupt Source Priority Register 129
IPR129
8
8
2 ICLK
0008 7385h
ICU
Interrupt Source Priority Register 133
IPR133
8
8
2 ICLK
0008 7386h
ICU
Interrupt Source Priority Register 134
IPR134
8
8
2 ICLK
0008 738Ah
ICU
Interrupt Source Priority Register 138
IPR138
8
8
2 ICLK
0008 738Bh
ICU
Interrupt Source Priority Register 139
IPR139
8
8
2 ICLK
0008 73AAh
ICU
Interrupt Source Priority Register 170
IPR170
8
8
2 ICLK
0008 73ABh
ICU
Interrupt Source Priority Register 171
IPR171
8
8
2 ICLK
0008 73DAh
ICU
Interrupt Source Priority Register 218
IPR218
8
8
2 ICLK
0008 73DEh
ICU
Interrupt Source Priority Register 222
IPR222
8
8
2 ICLK
0008 73EEh
ICU
Interrupt Source Priority Register 238
IPR238
8
8
2 ICLK
0008 73F2h
ICU
Interrupt Source Priority Register 242
IPR242
8
8
2 ICLK
0008 73F3h
ICU
Interrupt Source Priority Register 243
IPR243
8
8
2 ICLK
0008 73F4h
ICU
Interrupt Source Priority Register 244
IPR244
8
8
2 ICLK
0008 73F5h
ICU
Interrupt Source Priority Register 245
IPR245
8
8
2 ICLK
0008 73F6h
ICU
Interrupt Source Priority Register 246
IPR246
8
8
2 ICLK
0008 73F7h
ICU
Interrupt Source Priority Register 247
IPR247
8
8
2 ICLK
0008 73F8h
ICU
Interrupt Source Priority Register 248
IPR248
8
8
2 ICLK
0008 73F9h
ICU
Interrupt Source Priority Register 249
IPR249
8
8
2 ICLK
0008 7500h
ICU
IRQ Control Register 0
IRQCR0
8
8
2 ICLK
0008 7501h
ICU
IRQ Control Register 1
IRQCR1
8
8
2 ICLK
0008 7502h
ICU
IRQ Control Register 2
IRQCR2
8
8
2 ICLK
0008 7503h
ICU
IRQ Control Register 3
IRQCR3
8
8
2 ICLK
0008 7504h
ICU
IRQ Control Register 4
IRQCR4
8
8
2 ICLK
0008 7505h
ICU
IRQ Control Register 5
IRQCR5
8
8
2 ICLK
0008 7506h
ICU
IRQ Control Register 6
IRQCR6
8
8
2 ICLK
0008 7507h
ICU
IRQ Control Register 7
IRQCR7
8
8
2 ICLK
0008 7510h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
8
8
2 ICLK
0008 7514h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
8
8
2 ICLK
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
8
8
2 ICLK
0008 7582h
ICU
Non-Maskable Interrupt Status Clear Register
NMICLR
8
8
2 ICLK
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
8
8
2 ICLK
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (5/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com