Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 71Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 72Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 73Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 74Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 75Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 76Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 77Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 78Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 75 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.3
AC Characteristics
5.3.1
Clock Timing
Note 1. The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note 2. The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Note 3. The lower-limit frequency of PCLKD is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the A/D converter is in use.
Note 4. The VCC_USB range is 3.0 to 3.6 V when the USB clock is in use.
Note 1. The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note 2. The frequency accuracy of FCLK should be ±3.5%.
Note 3. The lower-limit frequency of PCLKD is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the A/D converter is in use.
Note 4. The VCC_USB range is 3.0 to 3.6 V when the USB clock is in use.
Note 1. Programming and erasing the flash memory is impossible.
Note 2. The A/D converter cannot be used.
Table 5.21
Operation Frequency Value (High-Speed Operating Mode)
Conditions:
1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
VCC
Unit
1.8 to 2.4 V 2.4 to 2.7 V 2.7 to 3.6 V
When USB
in Use*4
Maximum operating
frequency
System clock (ICLK)
fmax
816
32
24
MHz
FlashIF clock (FCLK)*1, *2
816
32
24
Peripheral module clock (PCLKB)
816
32
24
Peripheral module clock (PCLKD)*3
816
32
24
USB clock (UCLK)
fusb
——
—
48
Table 5.22
Operation Frequency Value (Middle-Speed Operating Mode)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
VCC
Unit
1.8 to 2.4 V 2.4 to 2.7 V 2.7 to 3.6 V
When USB
in Use*4
Maximum operating
frequency
System clock (ICLK)
fmax
812
12
12
MHz
FlashIF clock (FCLK)*1, *2
812
12
12
Peripheral module clock (PCLKB)
812
12
12
Peripheral module clock (PCLKD)*3
812
12
12
USB clock (UCLK)
fusb
——
—
48
Table 5.23
Operation Frequency Value (Low-Speed Operating Mode)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
VCC
Unit
1.8 to 2.4 V
2.4 to 2.7 V
2.7 to 3.6 V
Maximum operating
frequency
System clock (ICLK)
fmax
32.768
kHz
FlashIF clock (FCLK)*1
32.768
Peripheral module clock (PCLKB)
32.768
Peripheral module clock (PCLKD)*2
32.768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com