Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 67Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 68Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 69Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 70Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 67 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
Do not exceed the permissible total supply current.
Table 5.18
Permissible Output Currents (2)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C (G version)
Item
Symbol
Max.
Unit
Permissible output low current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOL
0.4
mA
Ports other than above
8.0
Permissible output low current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
0.4
Ports other than above
8.0
Permissible output low current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOL
1.6
Total of ports P03, P05, ports P26, P27, ports P30, P31
20
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
20
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
20
Total of all output pins
40
Permissible output high current
(average value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.1
Ports other than above
–4.0
Permissible output high current
(maximum value per pin)
Ports P40 to P44, P46, ports PJ6, PJ7
–0.1
Ports other than above
–4.0
Permissible output high current
Total of ports P40 to P44, P46, ports PJ6, PJ7
IOH
–0.6
Total of ports P03, P05, ports P26, P27, ports P30, P31
–10
Total of ports P14 to P17, port P32, ports P54, P55, ports PB0,
PB1, PB3, PB5 to PB7, ports PC2 to PC7
–15
Total of ports PA0, PA1, PA3, PA4, PA6, ports PE0 to PE7
–15
Total of all output pins
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com