Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 50Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 51Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 52Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 53Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 54Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 55Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 56Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 53 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOSs
are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation. The clock source is PLL. FCLK and
PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL. FCLK and PCLK
are set to the same frequency as ICLK.
Note 4. Values when VCC = 3.3 V.
Note 5. This is the increase for programming or erasure of the ROM or E2 DataFlash during program execution.
Note 6. Clock supply to the peripheral functions is stopped. The clock source is PLL when ICLK = 12 MHz, and HOCO otherwise. FCLK
and PCLK are set to divided by 64.
Note 7. Clocks are supplied to the peripheral functions. The clock source is PLL when ICLK = 12 MHz, and HOCO otherwise. FCLK and
PCLK are set to the same frequency as ICLK.
Note 8. Clock supply to the peripheral functions is stopped. The clock source is the sub-clock oscillator. FCLK and PCLK are set to
divided by 64.
Note 9. Clocks are supplied to the peripheral functions. The clock source is the sub-clock oscillator. FCLK and PCLK are set to the same
frequency as ICLK.
Note 10. Values when the MSTPCRA.MSTPA17 bit (12-bit A/D converter module stop bit) is set to “transition to the module stop state is
made”.
Supply
current*1
Low-speed
operating mode
Normal
operating
mode
No peripheral operation*8
ICLK = 32.768 kHz
ICC
4.0
—
μA
All peripheral operation:
Normal*9, *10
ICLK = 32.768 kHz
11.5
—
All peripheral operation:
Max.*9, *10
ICLK = 32.768 kHz
—40
Sleep mode
No peripheral operation*8
ICLK = 32.768 kHz
2.2
—
All peripheral operation:
Normal*9
ICLK = 32.768 kHz
7.1
—
Deep sleep
mode
No peripheral operation*8
ICLK = 32.768 kHz
1.8
—
All peripheral operation:
Normal*9
ICLK = 32.768 kHz
5.3
Table 5.7
DC Characteristics (5) (2/2)
Conditions:
1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Typ
*4
Max
Unit
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com