Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 59Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 60Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 61Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 62Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 63Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 64Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 65Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 66Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 63 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Figure 5.10
Temperature Dependency in Software Standby Mode (Reference Data)
Note 1. Total power dissipated by the entire chip (including output currents).
Note 2. Please contact Renesas Electronics sales office for derating under Ta = +85°C to 105°C. Derating is the systematic reduction of
load for the sake of improved reliability.
Table 5.11
DC Characteristics (9)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Item
Symbol
Typ.
Max.
Unit
Test Conditions
Permissible total consumption power*1
Pd
—
300
mW
D version (Ta = -40 to 85°C)
—
105
G version (Ta = -40 to 105°C)*2
-40
-20
0
204060
80
100
120
0.1
1
10
100
Note1. Average value of the tested middle samples during product evaluation.
Note2. Average value of the tested upper-limit samples during product evaluation.
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com