Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 93Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 94Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 95Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 96Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 97Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 98Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 99Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 100Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 97 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.4
USB Characteristics
Figure 5.54
USB0_DP and USB0_DM Output Timing
Table 5.37
USB Characteristics (USB0_DP and USB0_DM Pin Characteristics)
Conditions: 3.0 V ≤ VCC = VCC_USB ≤ 3.6 V, 3.0 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Max.
Unit
Test Conditions
Input
characteristics
Input high level voltage
VIH
2.0
—
V
Input low level voltage
VIL
—0.8
V
Differential input sensitivity
VDI
0.2
—
V
| USB0_DP – USB0_DM |
Differential common mode
range
VCM
0.8
2.5
V
Output
characteristics
Output high level voltage
VOH
2.8
VCC_USB
V
IOH = –200 μA
Output low level voltage
VOL
0.0
0.3
V
IOL= 2 mA
Cross-over voltage
VCRS
1.3
2.0
V
Figure 5.54
Figure 5.55
Rise time
FS
tr
420
ns
LS
75
300
Fall time
FS
tf
420
ns
LS
75
300
Rise/fall time ratio
FS
tr/tf
90
111.11
%
tr/tf
LS
80
125
Output resistance
ZDRV
28
44
Ω
(Adjusting the resistance of
external elements is not
necessary.)
VBUS
characteristics
VBUS input voltage
VIH
VCC × 0.8
—
V
VIL
—VCC × 0.2
V
VBUS (P16) input leakage
current
| IVBUSIN |—
10
μA
USB0_VBUS = 5.5V
Pull-up,
pull-down
Pull-down resistor
RPD
14.25
24.80
kΩ
Pull-up resistor
RPUI
0.9
1.575
kΩ
During idle state
RPUA
1.425
3.09
kΩ
During reception
Battery Charging
Specification
Ver 1.2
USB0_DP sink current
IDP_SINK
25
175
μA
USB0_DM sink current
IDM_SINK
25
175
μA
DCD source current
IDP_SRC
713
μA
Data detection voltage
VDAT_REF
0.25
0.4
V
USB0_DP source current
VDP_SRC
0.5
0.7
V
Output current = 250 μA
USB0_DM source current
VDM_SRC
0.5
0.7
V
Output current = 250 μA
USB0_DP,
USB0_DM
tf
tr
90%
10%
10%
90%
VCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com