Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 78Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 79Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 80Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 81Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 82Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 83Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 84Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 85Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 82 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Note 1. The recovery time varies depending on the state of each oscillator when the WAIT instruction is executed. The recovery time
when multiple oscillators are operating varies depending on the operating state of the oscillators that are not selected as the
system clock source. This applies when only the oscillator listed in each item is operating and the other oscillators are stopped.
Note 2. When the frequency of the crystal is 12 MHz.
When the main clock oscillator wait control register (MOSCWTCR) is set to 04h.
Note 3. When the frequency of PLL is 12 MHz.
When the main clock oscillator wait control register (MOSCWTCR) is set to 04h.
Note 4. When the frequency of the external clock is 12 MHz.
When the main clock oscillator wait control register (MOSCWTCR) is set to 00h.
Note 5. When the frequency of PLL is 12 MHz.
When the main clock oscillator wait control register (MOSCWTCR) is set to 00h.
Note 6. When the frequency of HOCO is 8 MHz.
When the high-speed clock oscillator wait control register (HOCOWTCR) is set to 05h.
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Note 1. The sub-clock continues oscillating in software standby mode during low-speed mode.
Table 5.27
Timing of Recovery from Low Power Consumption Modes (2)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time
from software
standby mode*1
Middle-speed
mode
Crystal
connected to
main clock
oscillator
Main clock oscillator
operating*2
tSBYMC
—
2
3
ms
Figure 5.34
Main clock oscillator and
PLL circuit operating*3
tSBYPC
—2
3
ms
External clock
input to main
clock oscillator
Main clock oscillator
operating*4
tSBYEX
—3
4
μs
Main clock oscillator and
PLL circuit operating*5
tSBYPE
—65
85
μs
Sub-clock oscillator operating
tSBYSC
—
600
750
μs
HOCO clock oscillator operating*6
tSBYHO
—40
50
μs
LOCO clock oscillator operating
tSBYLO
—4.8
7
μs
Table 5.28
Timing of Recovery from Low Power Consumption Modes (3)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Recovery time
from software
standby mode*1
Low-speed
mode
Sub-clock oscillator operating
tSBYSC
—
600
750
μs
Figure 5.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com