Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 81Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 82Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 83Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 84Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 85Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 86Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 87Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 88Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 85 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.3.4
Control Signal Timing
Note: • 200 ns minimum in software standby mode.
Note 1. tPcyc indicates the cycle of PCLKB.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 7).
Figure 5.36
NMI Interrupt Input Timing
Figure 5.37
IRQ Interrupt Input Timing
Table 5.31
Control Signal Timing
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
NMI pulse width
tNMIW
200
—
—
ns
NMI digital filter disabled
(NMIFLTE.NFLTEN = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
—
—
NMI digital filter enabled
(NMIFLTE.NFLTEN = 1)
tNMICK × 3 ≤ 200 ns
tNMICK × 3.5*2
——
tNMICK × 3 > 200 ns
IRQ pulse width
tIRQW
200
—
—
ns
IRQ digital filter disabled
(IRQFLTE0.FLTENi = 0)
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
——
tPcyc × 2 > 200 ns
200
—
—
IRQ digital filter enabled
(IRQFLTE0.FLTENi = 1)
tIRQCK × 3 ≤ 200 ns
tIRQCK × 3.5*3
——
tIRQCK × 3 > 200 ns
NMI
tNMIW
IRQ
tIRQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com