Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 83Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 84Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 85Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 86Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 87Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 88Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 89Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 90Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 87 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Note 2. N: An integer from 1 to 8 that can be set by the RSPI clock delay register (SPCKD)
Note 3. N: An integer from 1 to 8 that can be set by the RSPI slave select negation delay register (SSLND)
Table 5.33
Timing of On-Chip Peripheral Modules (2)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V,
Ta = –40 to +105°C, C = 30 pF
Item
Symbol
Min.
Max.
Unit
Test
Conditions
RSPI RSPCK clock
cycle
Master
tSPcyc
24096
tPcyc
*1
Figure 5.46
Slave
8
4096
RSPCK clock
high pulse width
Master
tSPCKWH
(tSPcyc – tSPCKr –
tSPCKf)/2 – 3
—ns
Slave
(tSPcyc – tSPCKr –
tSPCKf)/2
—
RSPCK clock
low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr–
tSPCKf)/2 – 3
—ns
Slave
(tSPcyc – tSPCKr –
tSPCKf)/2
—
RSPCK clock
rise/fall time
Output
2.7 V or above
tSPCKr,
tSPCKf
—10
ns
1.8 V or above
—
15
Input
—
1
μs
Data input setup
time
Master 2.7 V or above
tSU
10
—
ns
Figure 5.47 to
Figure 5.52
1.8 V or above
30
—
Slave
25 – tPcyc
—
Data input hold
time
Master RSPCK set to a
division ratio other than
PCLKB divided by 2
tH
tPcyc
—ns
RSPCK set to PCLKB
divided by 2
tHF
0—
Slave
tH
20 + 2 × tPcyc
—
SSL setup time
Master
tLEAD
–30 + N*2 × tSPcyc
—ns
Slave
2
—
tPcyc
SSL hold time
Master
tLAG
–30 + N*3 × tSPcyc
—ns
Slave
2
—
tPcyc
Data output delay
time
Master 2.7 V or above
tOD
—14
ns
1.8 V or above
—
30
Slave
2.7 V or above
—
3 × tPcyc + 65
1.8 V or above
—
3 × tPcyc +105
Data output hold
time
Master 2.7 V or above
tOH
0—
ns
1.8 V or above
–20
—
Slave
0
—
Successive
transmission delay
time
Master
tTD
tSPcyc + 2 × tPcyc
8 × tSPcyc + 2 × tPcyc
ns
Slave
4 × tPcyc
—
MOSI and MISO
rise/fall time
Output
2.7 V or above
tDr, tDf
—10
ns
1.8 V or above
—
20
Input
—
1
μs
SSL rise/fall time
Output
tSSLr,
tSSLf
—20
ns
Input
—
1
μs
Slave access time
2.7 V or above
tSA
—6
tPcyc
Figure 5.51,
Figure 5.52
1.8 V or above
—
7
Slave output release time
2.7 V or above
tREL
—5
tPcyc
1.8 V or above
—
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com