Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 15Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 16Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 17Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 18Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 19Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 20Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 21Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 22Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 19 of 127
May 31, 2016
RX111 Group
1. Overview
Note 1. Not 5 V tolerant.
Note 2. The power source of the I/O buffer for these pins is AVCC0.
42
PA4
MTIC5U/MTCLKA/MTIOC2B
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
43
PA3
MTIOC0D/MTCLKD/
MTIOC1B/POE0#
RXD5/SMISO5/SSCL5/MISOA
IRQ6
44
PA1
MTIOC0B/MTCLKC/
RTCOUT
SCK5/SSLA2
45
PA0
MTIOC4A
SSLA1
CACREF
46
PE5
MTIOC4C/MTIOC2B
IRQ5/AN013
47
PE4
MTIOC4D/MTIOC1A/
MTIOC3A
MOSIA
IRQ4/AN012
48
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
49
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
50
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
51
PE0
MTIOC2A/POE3#
SCK12
IRQ0/AN008
52
PE7
IRQ7/AN015
53
PE6
IRQ6/AN014
54
P46*2
AN006
55
P44*2
AN004
56
P43*2
AN003
57
P42*2
AN002
58
P41*2
AN001
59
VREFL0
PJ7*2
60
P40*2
AN000
61
VREFH0
PJ6*2
62
AVSS0
63
AVCC0
64
P05
DA1
Table 1.5
List of Pins and Pin Functions (64-Pin LFQFP/LQFP) (2/2)
Pin
No.
Power Supply, Clock,
System Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com