Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51116ADFM Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F51116ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFM Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F51116ADFM Datasheet HTML 20Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 21Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 22Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 23Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 24Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 25Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 26Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 27Page - Renesas Technology Corp R5F51116ADFM Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 24 of 127
May 31, 2016
RX111 Group
1. Overview
Table 1.8
List of Pins and Pin Functions (40-Pin HWQFN) (1/2)
Pin
No.
Power Supply,
Clock, System
Control
I/O Port
Timers
(MTU, POE, RTC)
Communication
(SCIe, SCIf, RSPI, RIIC, USB)
Others
1
P27
MTIOC2B
SCK1/SCK12
IRQ3/CMPA2/CACREF/
ADTRG0#
2
P26
MTIOC2A
TXD1/SMOSI1/SSDA1/
USB0_VBUSEN
3MD
FINED
4RES#
5
UPSEL
P35
NMI
6XTAL
7EXTAL
8VCL
9VSS
10
VCC
11
P32
MTIOC0C
IRQ2
12
P17
MTIOC0C/MTIOC3A/
MTIOC3B/POE8#
SCK1/MISOA/SDA0/RXD12/
RXDX12/SMISO12/SSCL12
IRQ7
13
P16
MTIOC3C/MTIOC3D
TXD1/SMOSI1/SSDA1/SCL0/
MOSIA/USB0_VBUSEN/
USB0_OVRCURB/USB0_VBUS
IRQ6/ADTRG0#
14
P15
MTIOC0B/MTCLKB
RXD1/SMISO1/SSCL1/RSPCKA
IRQ5/CLKOUT
15
UB#
P14
MTIOC0A/MTIOC3A/
MTCLKA
CTS1#/RTS1#/SS1#/SSLA0/TXD12/
TXDX12/SIOX12/SMOSI12/
SSDA12/USB0_OVRCURA
IRQ4
16
VCC_USB
17
USB0_DM
18
USB0_DP
19
VSS_USB
20
PC4
MTIOC3D/MTCLKC/POE0#
SCK5/SSLA0/USB0_VBUS*1/
USB0_VBUSEN
IRQ2/CLKOUT
21
PB3
MTIOC0A/MTIOC3B/
MTIOC4A/POE3#
USB0_OVRCURA
22
VCC
23
PB0
MTIOC0C/MTIC5W
SCL0/RSPCKA
IRQ2/ADTRG0#
24
VSS
25
PA6
MTIOC2A/MTIC5V/MTCLKB/
POE2#
CTS5#/RTS5#/SS5#/SDA0/MOSIA
IRQ3
26
PA4
MTIOC2B/MTIC5U/MTCLKA
TXD5/SMOSI5/SSDA5/SSLA0
IRQ5
27
PA3
MTIOC0D/MTIOC1B/
MTCLKD/POE0#
RXD5/SMISO5/SSCL5/MISOA
IRQ6
28
PA1
MTIOC0B/MTCLKC
SCK5/SSLA2
29
PE4
MTIOC1A/MTIOC3A/
MTIOC4D
MOSIA
IRQ4/AN012
30
PE3
MTIOC0A/MTIOC1B/
MTIOC4B/POE8#
CTS12#/RTS12#/SS12#/RSPCKA
IRQ3/AN011
31
PE2
MTIOC4A
RXD12/RXDX12/SMISO12/SSCL12
IRQ7/AN010
32
PE1
MTIOC4C
TXD12/TXDX12/SIOX12/SMOSI12/
SSDA12
IRQ1/AN009
33
PE0
MTIOC2A/POE3#
SCK12
IRQ0/AN008
34
P46*2
AN006
35
P42*2
AN002
36
P41*2
AN001
37
VREFL0
PJ7*2
38
VREFH0
PJ6*2
39
AVSS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com